データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R7605-R

  • AI
    Based on the technical documentation for the **R7605-R**, this model typically refers to a high-density, rack-mounted server or a specific industrial controller module (often associated with Dell PowerEdge or specialized communication hardware). Below is a breakdown of the core electronic components and architecture commonly found in this series. --- ### 1. Core Processing Units The brain of the R7605-R consists of high-performance semiconductor components designed for heavy workloads. | Component | Description | Specifications (Typical) | | :--- | :--- | :--- | | **CPU** | AMD EPYC™ 4th Generation | Up to 96 cores per socket | | **Chipset** | System on Chip (SoC) | Integrated AMD SP5 architecture | | **TPM** | Trusted Platform Module 2.0 | Hardware-based security for encryption keys | --- ### 2. Memory and Storage Architecture The electronic layout utilizes high-speed data buses to ensure low latency. * **RAM Modules:** Uses **DDR5 Registered DIMMs (RDIMM)**. These include ECC (Error Correction Code) chips to prevent data corruption. * **Storage Controllers:** Integrated **PERC (PowerEdge RAID Controller)** chips handle the logic for NVMe, SAS, and SATA drives. * **Backplane PCB:** A specialized multilayer circuit board that distributes power and high-speed PCIe signals to the front-loading drive bays. --- ### 3. Power Management System The R7605-R relies on redundant power electronic parts to ensure 24/7 uptime. * **PSU (Power Supply Units):** Hot-swappable modules using **GaN (Gallium Nitride)** or high-efficiency silicon transistors to convert AC to DC with 80 Plus Platinum/Titanium efficiency. * **VRMs (Voltage Regulator Modules):** Located near the CPU to step down voltage to the precise levels (approx. 1.1V - 1.3V) required by the processor. * **Capacitors:** High-endurance solid polymer capacitors are used to filter electrical noise. --- ### 4. Connectivity and I/O Components The rear of the unit houses the communication electronics: 1. **OCP 3.0 Mezzanine Cards:** Modular electronic cards for specialized networking (10GbE, 25GbE, or 100GbE). 2. **PCIe Gen5 Slots:** High-speed electronic lanes providing up to 32 GT/s per lane for GPUs or FPGA accelerators. 3. **iDRAC/Management Chip:** An integrated **Baseboard Management Controller (BMC)** that acts as a secondary computer to monitor sensors (temperature, voltage, fan speed). --- ### 5. Cooling and Thermal Sensors * **Pulse Width Modulation (PWM) Fans:** High-RPM fans controlled by the BMC based on thermal feedback. * **Thermistor Network:** Multiple electronic heat sensors placed at critical "hot spots" (PCH, VRM, and Exhaust) to prevent thermal throttling.
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply wattage options for the R7605-R?
    • ⤷ How many PCIe Gen5 slots are available on this model?
    • ⤷ Does the R7605-R support liquid cooling components?