データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R7D-MS4-R

  • AI
    The **R7D-MS4-R** is a specific model of a **Servo Drive** within the OMRON SMARTSTEP 2 series. These drives are designed to provide high-performance motor control in a compact, pulse-string input format. --- ## 1. Technical Specifications The core electronic characteristics of the R7D-MS4-R are summarized in the table below: | Feature | Specification | | :--- | :--- | | **Series** | SMARTSTEP 2 | | **Input Voltage** | Single-phase 200 to 240 VAC (50/60 Hz) | | **Applicable Motor Capacity** | 400 Watts | | **Control Method** | All-digital IGBT PWM control | | **Input Signal Type** | Pulse train (Position control) | | **Dynamic Brake** | Built-in | | **Communication Interface** | USB (for parameter setting via CX-Drive) | --- ## 2. Key Electronic Components & Functions ### A. Power Module The unit utilizes an **IGBT (Insulated Gate Bipolar Transistor)** PWM system. This is the "muscle" of the drive, switching high-voltage power to the motor windings to precisely control speed and torque. ### B. Feedback Loop (Encoder Interface) The "R" in the suffix often denotes compatibility with specific encoder types. This drive processes feedback from the motor's encoder to ensure the physical position matches the commanded pulse. * **Resolution:** Typically supports 17-bit incremental encoders. * **Safety:** Monitors for encoder cable breaks or signal loss. ### C. I/O Terminals (Control Circuitry) The drive features a set of electronic inputs and outputs for interfacing with a PLC or Motion Controller: * **Pulse/Direction Inputs:** High-speed optocouplers that receive the movement commands. * **Digital Inputs:** For signals like "Run," "Emergency Stop," or "Limit Switches." * **Digital Outputs:** For "Servo Ready" or "Alarm" status signals. --- ## 3. Protective Electronic Features To protect the internal circuitry and the connected motor, the R7D-MS4-R includes several hardware-level protections: 1. **Overcurrent Protection:** Shuts down the drive if the motor draws too much current. 2. **Overvoltage/Undervoltage:** Monitors the DC bus to prevent damage from power surges or brownouts. 3. **Regenerative Energy Management:** Includes a circuit to handle back-EMF generated when the motor decelerates quickly. 4. **Thermal Monitoring:** Sensors on the heat sink prevent the IGBTs from melting under heavy loads. --- ## 4. Wiring Diagram Overview (Simplified) ```text [ Power Supply ] ---> [ L1, L2 Terminals ] [ PLC / Controller ] ---> [ CN1 (I/O Connector) ] [ R7D-MS4-R Drive ] <--- [ CN2 (Encoder Feedback) ] [ R7D-MS4-R Drive ] ---> [ U, V, W (Motor Power) ] ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible motor models for the R7D-MS4-R?
    • ⤷ How do I configure the pulse input logic (line driver vs. open collector)?
    • ⤷ What software is required to tune the parameters of this drive?