データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R7D-TS4-R

  • AI
    The **R7D-TS4-R** is a specific Servo Drive model within the OMRON **OMNUC G-Series** family. This drive is designed to be paired with a matching AC Servo Motor to provide high-precision motion control. --- ### ## 1. Technical Specifications The "TS" designation typically refers to a specific pulse-train or analog interface capability within the G-Series lineup. | Feature | Specification | | :--- | :--- | | **Series** | OMNUC G-Series | | **Input Voltage** | Single-phase 200 to 240 VAC | | **Power Output** | 400W | | **Control Method** | IGBT PWM Method / Sinusoidal Drive | | **Supported Feedback** | 17-bit Incremental/Absolute Encoder | | **Interface Type** | Pulse Train (Position Control) | --- ### ## 2. Core Electronic Components The internal and external electronic architecture of the R7D-TS4-R consists of several critical stages: #### ### A. Power Conversion Stage * **Rectifier:** Converts the 200V AC input into a high-voltage DC bus. * **Bus Capacitor:** Smooths the DC voltage ripples and stores energy for rapid motor acceleration. * **IPM (Intelligent Power Module):** Uses high-speed IGBTs to switch the DC power into a variable-frequency AC output to drive the motor phases (U, V, W). #### ### B. Logic and Control Processing * **High-Speed DSP/FPGA:** Processes the PID control loops (Position, Speed, and Torque) with cycle times in the microsecond range. * **Feedback Circuitry:** Interfaces with the 17-bit encoder to process 131,072 pulses per revolution, ensuring high positioning accuracy. #### ### C. Input/Output (I/O) Interface * **CN1 Connector:** The main control signal port. It includes: * **Pulse/Direction Inputs:** For receiving command signals from a PLC. * **Digital Inputs:** For Origin Proximity, Limit Switches, and Emergency Stop. * **Digital Outputs:** For Brake control and Servo Ready signals. --- ### ## 3. Connection Layout Below is the typical electronic wiring configuration for the R7D-TS4-R: ```mermaid graph LR A[AC Power 200V] --> B[L1, L3 Terminals] B --> C[Internal Rectifier] D[PLC/Controller] --Pulse/Dir--> E[CN1 Control Port] F[Encoder] --Feedback--> G[CN2 Encoder Port] C --> H[U, V, W Output] H --> I[Servo Motor] ``` --- ### ## 4. Protective Electronic Functions The drive includes several built-in electronic protections to prevent hardware damage: * **Overcurrent Protection:** Shuts down if the IGBTs detect a short circuit or motor stall. * **Overvoltage Protection:** Activates if the regenerative energy from the motor exceeds the bus capacitor's capacity. * **Dynamic Brake:** An internal electronic circuit that shorts the motor windings through a resistor to stop the motor quickly during power loss.
    ✨ Follow-up Questions
    • ⤷ What are the compatible motor models for the R7D-TS4-R?
    • ⤷ How do I configure the electronic gear ratio for this drive?
    • ⤷ What are the common error codes for the OMNUC G-Series drives?