データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R7D-TS4-R/UL

  • AI
    The **R7D-TS4-R/UL** is a specific model of the **OMRON SMARTSTEP 2 Series** AC Servo Drive. It is designed to bridge the gap between a stepper motor and a high-end servo system, providing high-precision control in a compact form factor. --- ## 1. Technical Specifications The following table outlines the core electronic and electrical characteristics of the R7D-TS4-R/UL: | Feature | Specification | | :--- | :--- | | **Input Voltage** | Single-phase 200 to 240 VAC (50/60 Hz) | | **Output Power** | 400 Watts | | **Control Method** | All-digital sinusoidal PWM | | **Compatible Motors** | R88M-G (Cylindrical or Flat types) | | **Feedback System** | 17-bit Incremental Encoder | | **Communication** | Modbus-RTU (RS-485/232) | | **Compliance** | UL, cUL, and CE marking | --- ## 2. Key Electronic Components & Interfaces The drive consists of several critical electronic subsystems: ### Power Stage * **Rectifier & IPM:** Converts the AC input to DC and uses an Intelligent Power Module (IPM) to switch the power to the motor phases. * **Dynamic Brake:** Built-in electronic braking circuit to stop the motor quickly in case of an emergency or power failure. ### Control Terminals (CN1) This is the primary interface for I/O signals. It includes: * **Pulse/Direction Inputs:** For receiving motion commands from a PLC. * **Digital Inputs:** Dedicated pins for Forward/Reverse Drive Prohibit, Reset, and Alarm Clear. * **Digital Outputs:** For Servo Ready, Alarm, and Positioning Completion signals. ### Feedback & Communication * **Encoder Interface (CN2):** Specifically designed to process signals from a 17-bit high-resolution encoder, allowing for 131,072 pulses per revolution. * **Serial Port:** Used for configuration via OMRON's "CX-Drive" software or for Modbus communication. --- ## 3. Protective Functions The electronic circuitry includes internal monitoring to prevent hardware failure. * **Overcurrent Protection:** Shuts down the drive if the output current exceeds rated limits. * **Overvoltage/Undervoltage:** Monitors the DC bus to ensure it stays within safe operating parameters. * **Overload (Electronic Thermal):** Calculates motor temperature based on current draw to prevent burnout. * **Encoder Loss:** Detects if the feedback cable is disconnected or signal is lost. --- ## 4. Wiring Diagram (Simplified Logic) Below is a representation of the typical wiring logic for the R7D-TS series: ```text [ Power Supply ] ----> [ L1, L2 Terminals ] [ PLC/Controller ] --> [ CN1: Pulse/Dir ] [ R7D-TS4-R ] --------> [ U, V, W Terminals ] --> [ Servo Motor ] | +---------------> [ CN2: Encoder Cable ] <-- [ Motor Encoder ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible R88M-G motor models for this 400W drive?
    • ⤷ How do I configure the Modbus parameters for the R7D-TS series?
    • ⤷ What is the difference between the 'R' and 'UL' suffixes in this part number?