データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R7HL-YV2-R

  • AI
    Based on the part number provided, the **R7HL-YV2-R** refers to a specific **Remote I/O Module** within the R7HL Series manufactured by **M-System** (now part of MG CO., LTD). This series is designed for compact, high-speed signal transmission using the MECHATROLINK-I/II protocol. Below is a detailed breakdown of the electronic specifications and components of this part. --- ### 1. General Specifications The R7HL-YV2-R is a **2-channel DC Voltage Output Module**. It converts digital signals from a network (MECHATROLINK) into analog voltage signals to drive actuators, motor controllers, or other industrial equipment. | Feature | Specification | | :--- | :--- | | **Model Series** | R7HL (Compact Remote I/O) | | **Communication Protocol** | MECHATROLINK-I / II | | **Output Type** | DC Voltage (2 Channels) | | **Power Input** | 24V DC (±10%) | | **Isolation** | Output to Power to Communication (Isolated) | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Output & Performance The device utilizes high-precision Digital-to-Analog (D/A) converters. | Parameter | Range/Value | | :--- | :--- | | **Output Range** | -10V to +10V DC | | **Operational Range** | -11.5V to +11.5V DC | | **Load Resistance** | $\ge$ 10 k$\Omega$ | | **Conversion Accuracy** | ±0.1% of span | | **Response Time** | $\le$ 2.0 ms (0% $\rightarrow$ 90%) | | **Temperature Coefficient** | ±0.015% / °C | --- ### 3. Key Electronic Components & Interfaces The internal architecture consists of three primary stages to ensure industrial-grade reliability: #### A. Communication Interface (MECHATROLINK) * **Station Address:** Set via rotary switches on the front panel. * **Transmission Speed:** 10 Mbps (MECHATROLINK-II) or 4 Mbps (MECHATROLINK-I). * **Connectors:** Specific MECHATROLINK bus connectors. #### B. Signal Processing & Isolation * **MCU/Logic:** Processes the digital data packets received from the master PLC/Controller. * **Optical/Magnetic Isolation:** Protects the sensitive network circuitry from surges or noise present on the analog output lines. * **D/A Converter:** High-resolution circuitry converts the 16-bit signed integer data into an analog voltage. #### C. Power Supply Section * **Internal DC/DC Converter:** Converts the 24V DC input into the various internal voltages required for the logic and the dual-rail analog outputs. * **Protection:** Includes polarity protection and overcurrent fuses. --- ### 4. Terminal Pin Assignments The module typically features a tension-clamp or screw terminal block for the output and power. | Terminal | Function | Description | | :--- | :--- | :--- | | **V1 (+ / -)** | Output 1 | Voltage output for Channel 1 | | **V2 (+ / -)** | Output 2 | Voltage output for Channel 2 | | **+24V / 0V** | Power Supply | External 24V DC input | | **FE** | Functional Earth | Grounding for noise reduction | --- ### 5. Status Indicators (LEDs) The module uses LEDs for local diagnostics: * **PWR:** Green light indicates power is supplied. * **RUN:** Indicates the status of the MECHATROLINK communication. * **ERR:** Red light indicates internal hardware errors or communication timeouts.
    ✨ Follow-up Questions
    • ⤷ What is the maximum distance supported for the MECHATROLINK-II cable in this setup?
    • ⤷ How do you configure the station address using the rotary switches?
    • ⤷ What are the common industrial applications for a -10V to +10V voltage output?