データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • R7ML-DA16-R

  • AI
    The **R7ML-DA16-R** is a specific remote I/O module manufactured by **M-System** (now often branded under MG CO., LTD). It belongs to the **R7ML Series**, which is designed for compact, space-saving signal conditioning and communication. --- ## 1. Technical Specifications Overview This specific model is a **Discrete Input Module** used to interface field signals with a PLC or SCADA system via a network protocol (typically Modbus). | Feature | Specification | |:---|:---| | **Series** | R7ML (Compact Remote I/O) | | **Input Type** | Discrete Input (Dry Contact or PNP/NPN) | | **Input Points** | 16 Points | | **Output Type** | This specific model focuses on Inputs (indicated by `DA`) | | **Network Protocol** | Modbus/TCP (or specific vendor bus depending on suffix) | | **Power Supply** | 24V DC | | **Terminal Type** | Tension clamp or Screw terminal (depending on sub-version) | --- ## 2. Key Electronic Components & Internal Logic ### A. Input Circuitry The "16" in the part number indicates 16 channels. Each channel typically consists of: * **Opto-isolators (Photocouplers):** These provide galvanic isolation between the field-side 24V signals and the internal logic processing. This protects the network and internal CPU from voltage spikes. * **Filtering:** Internal RC filters to prevent contact bounce or high-frequency noise from being registered as false signals. ### B. Microprocessor & Communication * **Processing Unit:** An internal MCU handles the scanning of the 16 inputs and packages the data into the Modbus register map. * **Ethernet Controller:** Since the R7ML series often utilizes Modbus/TCP, there is an integrated PHY and magnetics for the RJ45 port connection. ### C. Power Management * **DC-DC Converter:** Converts the 24V DC input into lower voltages (usually 3.3V or 5V) required for the internal logic and communication chips. --- ## 3. Wiring and Configuration ### Terminal Allocation The device uses a high-density layout. Wiring is generally categorized into: 1. **Network Port:** RJ45 for communication. 2. **Power Terminals:** +24V and 0V. 3. **Signal Terminals:** 16 input terminals + common (COM) terminals. ### LED Indicators The front panel provides visual diagnostics: * **PWR:** Power status. * **RUN:** Communication status. * **ERR:** Internal or communication error. * **I/O Status:** 16 individual LEDs showing the ON/OFF state of each input. --- ## 4. Application Usage The R7ML-DA16-R is used in industrial automation where space is limited. Typical use cases include: * Collecting status signals from limit switches or pushbuttons. * Monitoring relay contacts in a control panel. * Distributing I/O across a factory floor via Ethernet instead of running 16 individual pairs of wires back to a central PLC.
    ✨ Follow-up Questions
    • ⤷ How do I configure the IP address for the R7ML-DA16-R?
    • ⤷ What is the difference between the DA16 and the DC16 models in this series?
    • ⤷ Does this module support PNP or NPN wiring configurations?