データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RA-01-R

  • AI
    ## Overview of the Ra-01-R Module The **Ra-01-R** is a LoRa (Long Range) spread spectrum communication module developed by Ai-Thinker. It is based on the **Semtech SX1276** transceiver. The "R" suffix typically denotes a specific pinout or hardware revision designed for compact integration in IoT projects. --- ### 1. Key Electronic Specifications The module operates in the Sub-GHz ISM band and is known for its high sensitivity and low power consumption. | Parameter | Specification | | :--- | :--- | | **RF Chip** | Semtech SX1276 | | **Frequency Range** | 410MHz - 525MHz (Default 433MHz) | | **Communication Interface** | SPI | | **Operating Voltage** | 2.7V - 3.6V (Typical 3.3V) | | **Transmit Power** | Up to +20dBm | | **Sensitivity** | Down to -148dBm | | **Current (RX)** | ~12.15mA | | **Current (TX)** | ~120mA (@ +20dBm) | | **Current (Sleep)** | ~0.2uA | --- ### 2. Pinout Configuration The Ra-01-R uses a compact SMD package. Understanding the pins is critical for interfacing with microcontrollers like Arduino or ESP32. * **SPI Pins:** `MOSI`, `MISO`, `SCK`, and `NSS` (CS) are used for data communication. * **DIO Pins:** `DIO0` to `DIO5` are configurable interrupt pins used to signal events like "Packet Received" or "Transmission Done." * **Power:** `3.3V` and `GND`. **Warning:** Connecting 5V directly to the VCC or data pins can damage the chip. * **Reset:** `RST` used to trigger a hardware reset. --- ### 3. Core Components & Features The module integrates several electronic stages to ensure reliable long-range communication: 1. **Crystal Oscillator:** Provides the timing reference for the frequency synthesizer. 2. **Power Amplifier (PA):** Boosts the signal for long-distance transmission. 3. **Low Noise Amplifier (LNA):** Enhances weak incoming signals during reception. 4. **LoRa Modem:** Uses Frequency Hopping Spread Spectrum (FHSS) to remain resistant to interference. --- ### 4. Basic Connection Logic When connecting the Ra-01-R to a 5V microcontroller (like an Arduino Uno), you **must** use a logic level shifter for the SPI lines. ```cpp // Example: Typical pin mapping for Arduino (using LoRa library) const int csPin = 10; // LoRa radio chip select const int resetPin = 9; // LoRa radio reset const int irqPin = 2; // Must be a hardware interrupt pin ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between Ra-01 and Ra-01-R?
    • ⤷ How do I wire the Ra-01-R to an ESP32 for deep sleep applications?
    • ⤷ Which antenna type is best suited for the Ra-01-R 433MHz band?