データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RA-08-R

  • AI
    The **RA-08-R** is a specialized LoRa (Long Range) communication module developed by Ai-Thinker. It is built around the **ASR6601** SoC, which integrates both an MCU and a LoRa transceiver into a single chip. Below is a detailed breakdown of its electronic components, specifications, and pinout architecture. --- ### 1. Core Hardware Architecture The RA-08-R differs from standard LoRa modules by being an "all-in-one" solution. | Component | Specification | | :--- | :--- | | **SoC (System on Chip)** | ASR6601 | | **MCU Core** | 32-bit RISC-V (up to 48MHz) | | **Flash Memory** | 128 KB | | **SRAM** | 16 KB | | **LoRa Modulation** | LPWAN (LoRa/FSK/GFSK/BPSK) | | **Frequency Range** | 803MHz ~ 930MHz (supports Global bands) | --- ### 2. Electrical Characteristics Operating within the correct voltage and current ranges is critical for the stability of the RA-08-R. | Parameter | Value | | :--- | :--- | | **Supply Voltage (VCC)** | 2.7V ~ 3.6V (3.3V recommended) | | **Transmit Current** | ~108mA @ 22dBm | | **Receive Current** | ~14mA | | **Deep Sleep Current** | < 2μA | | **Max TX Power** | +22 dBm | --- ### 3. Pin Functionality and Interfaces The RA-08-R uses an **SMD-22** package. It provides various interfaces for peripheral connectivity. #### Common Interface Blocks: * **UART:** Used for AT command control or firmware burning. * **GPIOs:** General purpose I/O pins for sensors or LEDs. * **I2C / SPI:** For connecting external sensors or displays. * **ADC:** 12-bit Analog-to-Digital Converter for measuring analog voltages. #### Pin Mapping Table (Key Pins): | Pin Name | Type | Description | | :--- | :--- | :--- | | **VCC** | Power | 3.3V Power Supply | | **GND** | Ground | Common Ground | | **TXD/RXD** | I/O | UART0 Data Transmission/Reception | | **RESET** | Input | Reset Pin (Active Low) | | **ANT** | RF | Antenna Output (50 Ohm impedance) | --- ### 4. RF Design Considerations Because the RA-08-R is a radio frequency device, its electronic environment is sensitive: 1. **Antenna Interface:** The "R" in RA-08-R typically signifies a specific pinout or antenna configuration (often an IPEX connector or a stamp hole for spring antennas). 2. **Impedance Matching:** The RF trace to the antenna should be kept at **50Ω** to prevent signal reflection and loss. 3. **Crystal Oscillator:** The module integrates a high-precision TCXO or Crystal to ensure frequency stability over temperature changes. --- ### 5. Application Circuit Example When integrating the RA-08-R, a decoupling capacitor is mandatory to filter power noise. ```c // Example Connection Logic [Power] 3.3V ----+---- [VCC RA-08-R] | [10uF Cap] | [GND] -----------+---- [GND RA-08-R] [MCU TX] ------------- [RXD RA-08-R] [MCU RX] ------------- [TXD RA-08-R] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between RA-08 and RA-08-R?
    • ⤷ How do I configure the RA-08-R using AT commands?
    • ⤷ Can the RA-08-R be used for LoRaWAN Class C applications?