データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RACT25

  • AI
    The **RACT25** (specifically the Recom RACT25 series) is a constant-current, triac-dimmable LED driver designed for high-power LED lighting applications. It is widely used because it can interface with standard wall dimmers while maintaining high efficiency. --- ## 1. Core Technical Specifications The RACT25 is an AC/DC converter that transforms high-voltage AC mains into a regulated DC current. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 90–135VAC or 198–264VAC | | **Output Power** | Max 25 Watts | | **Output Current Range** | 350mA, 500mA, 700mA, or 1050mA | | **Efficiency** | Up to 85% | | **Isolation Voltage** | 3.75kV AC | | **Dimming Type** | Leading or Trailing Edge (Triac) | --- ## 2. Key Electronic Components The internal architecture of the RACT25 involves several critical stages to manage power safely and effectively: ### A. Input Filter and Rectification * **EMI Filter:** Includes inductors and capacitors to suppress electromagnetic interference, ensuring the device complies with EN55015 standards. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage. ### B. Control Integrated Circuit (IC) * The driver utilizes a specialized **PFC (Power Factor Correction) Controller**. * This IC monitors the phase-cut signal from the external Triac dimmer and adjusts the PWM (Pulse Width Modulation) duty cycle to dim the LEDs without flickering. ### C. The Flyback Transformer * Provides **Galvanic Isolation**, separating the high-voltage AC side from the low-voltage DC output for user safety. * It stores energy during the "on" cycle and releases it to the output during the "off" cycle. ### D. Output Stage * **Smoothing Capacitors:** High-quality electrolytic capacitors filter the output ripple to provide a stable constant current. * **Feedback Loop:** An optocoupler sends voltage/current information back to the primary side to maintain a steady output despite fluctuations in the input or load. --- ## 3. Protection Mechanisms The RACT25 is "short-circuit proof" and includes several active safety layers: 1. **Over-Voltage Protection (OVP):** Prevents the circuit from exceeding a safe voltage if the LED string is disconnected. 2. **Short Circuit Protection (SCP):** The unit will shut down or enter "hiccup mode" if a short is detected, resetting once the fault is cleared. 3. **Thermal Shutdown:** If the internal temperature exceeds a threshold (typically around 100°C–110°C), the driver reduces power to prevent permanent damage. --- ## 4. Connection Diagram Example Below is a conceptual representation of how the electronic parts interface: ```text [ AC Mains ] ---> [ Triac Dimmer ] ---> [ RACT25 Input ] | ( Rectifier & PFC ) | ( High Freq Switch ) | ( Isolation Transf. ) | ( Filter & Feedback ) | [ LED Load (DC) ] ```
    ✨ Follow-up Questions
    • What is the difference between leading-edge and trailing-edge dimming in RACT25?
    • How does the Power Factor Correction (PFC) benefit LED lighting systems?
    • Can the RACT25 be used with COB LEDs specifically?