データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RB751V40G-CB2-R

  • AI
    The **RB751V40G-CB2-R** is a specific surface-mount Schottky Barrier Diode. It is widely used in high-speed switching and low-voltage rectification applications due to its low forward voltage drop and fast recovery time. --- ### 1. Key Specifications Below are the primary technical parameters for this electronic component: | Parameter | Value | Description | | :--- | :--- | :--- | | **Peak Reverse Voltage ($V_{RM}$)** | 40V | Maximum voltage it can block in reverse. | | **Forward Current ($I_F$)** | 30mA | Continuous current allowed in the forward direction. | | **Forward Voltage ($V_F$)** | 0.37V (Typ) | Voltage drop across the diode at 1mA current. | | **Reverse Current ($I_R$)** | 0.5µA | Maximum leakage current at 30V. | | **Package Type** | SOD-323 | Small Outline Diode, ultra-small surface mount. | | **Operating Temp** | -55°C to +125°C | Thermal operating range. | --- ### 2. Physical Characteristics * **Package (SOD-323):** This is a two-pin micro-miniature package, ideal for high-density circuit boards (e.g., smartphones, wearables). * **Construction:** Silicon epitaxial planar type. * **Marking Code:** Usually represented by a 2-character code on the body (check the specific manufacturer datasheet for the "CB2" variant code). --- ### 3. Key Features and Benefits 1. **Schottky Technology:** Unlike standard PN junction diodes, it uses a metal-to-semiconductor junction. This results in a significantly lower $V_F$, reducing power loss. 2. **High Speed:** Extremely fast switching speeds because there is no minority carrier storage. 3. **Low Capacitance:** Low junction capacitance makes it suitable for high-frequency signal detection. --- ### 4. Common Applications The RB751V40G-CB2-R is typically found in the following circuits: * **Signal Clamping:** Protecting sensitive IC inputs from voltage spikes. * **High-Speed Switching:** Used in digital logic circuits to improve timing. * **Reverse Polarity Protection:** Preventing damage if a battery is inserted incorrectly (limited to low-current paths). * **Detection:** AM/FM radio frequency detection or signal envelope tracking. --- ### 5. Implementation Example In a basic protection circuit, the diode is placed between a signal line and the power rail: ```markdown Circuit Visualization: [Signal In] ----+---- [IC Input] | [---] RB751V40G | [VCC/GND] ```
    ✨ Follow-up Questions
    • ⤷ How does the forward voltage drop of the RB751V40G compare to a standard 1N4148 diode?
    • ⤷ What are the recommended soldering temperature profiles for the SOD-323 package?
    • ⤷ Can this diode be used for power rectification in a 5V/2A power supply?