データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RBS-4F-R

  • AI
    The **RBS-4F-R** is an electronic component primarily classified as a **Remote Control Relay** or an **Interface Relay Module**, frequently used in industrial automation, HVAC systems, and PLC (Programmable Logic Controller) interfacing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The "RBS" series usually denotes a Relay Board System. The "4F" typically refers to the number of channels (4-channel) or the specific form factor. | Parameter | Typical Value / Description | | :--- | :--- | | **Channel Count** | 4 Independent Relay Channels | | **Control Voltage** | Usually 24V DC (Standard for PLC) | | **Switching Voltage** | 250V AC / 30V DC | | **Current Rating** | 5A to 10A (per channel, depending on relay brand) | | **Contact Type** | SPDT (1 Form C) - Common, NO, NC | | **Mounting Type** | DIN Rail Mountable | --- ## 2. Key Electronic Components The module is comprised of several critical electronic sub-parts that ensure safe signal isolation: ### A. The Relay (Electromechanical) The heart of the unit. It uses an electromagnetic coil to physically move contacts. * **Isolation:** Provides galvanic isolation between the low-power control side (PLC) and the high-power load side (Motors, Heaters). ### B. Optocouplers (Optional but common) High-end versions of the RBS series include optoisolators at the input. * **Purpose:** Prevents electrical noise or voltage spikes from the relay coil from feeding back into the sensitive CPU of a controller. ### C. Protection Diodes (Flyback Diodes) Connected in parallel with the relay coil. * **Purpose:** When the coil is de-energized, it creates a high-voltage spike. The diode (often a 1N4148 or similar) dissipates this energy to protect the driving transistors. ### D. LED Indicators * **Visual Feedback:** Each channel has a surface-mount LED (usually Green or Red) to indicate when the specific coil is energized. --- ## 3. Circuit Wiring Overview The unit acts as a bridge. The electronic logic follows this flow: ```mermaid graph LR A[Input Signal 24V] --> B[Protection Diode/LED] B --> C[Relay Coil] C --> D{Magnetic Field} D --> E[Output Contacts COM/NO] ``` --- ## 4. Applications * **PLC Output Expansion:** When a PLC's internal relays are too weak to handle the load. * **Signal Inversion:** Using the Normally Closed (NC) contacts to invert a logic signal. * **Voltage Level Shifting:** Using a 24V signal to switch a 220V AC motor.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil resistance for the 24V version of the RBS-4F-R?
    • ⤷ Does this model support NPN or PNP input logic?
    • ⤷ What is the maximum switching frequency for the mechanical relays on this board?