データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RBS-5Z-R

  • AI
    The **RBS-5Z-R** is a specialized electronic component, typically identified as a **Latching Relay** (often manufactured by companies like Omron or specialized relay producers). It is designed for PCB mounting and is used in circuits where power conservation and state memory are critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the RBS-5Z-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Latching Relay (Single Side Stable / Polarized) | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Rated Coil Voltage** | 5V DC | | **Switching Capacity** | Typically 5A to 10A (Depending on load type) | | **Mounting Type** | Through-hole PCB | | **Contact Material** | Silver Alloy (often AgNi or AgSnO2) | --- ### 2. Core Electronic Functions #### A. Latching Mechanism Unlike standard relays that require continuous current to keep the contacts closed, the RBS-5Z-R uses a **latching mechanism**. - **Operation:** A short pulse of electricity moves the contacts. - **Benefit:** Once the state is changed, it remains in that position without needing further power. This makes it ideal for battery-operated devices. #### B. Coil Sensitivity The "5Z" in the part number usually indicates a **5V DC coil**. This is a standard logic-level voltage, allowing the relay to be driven by microcontrollers (like Arduino or ESP32) through a transistor or a relay driver IC. #### C. Isolation It provides high galvanic isolation between the low-power control circuit (the 5V coil) and the high-power load circuit (the AC or DC being switched). --- ### 3. Typical Application Circuit To use this part with a microcontroller, a flyback diode is essential to protect the electronics from voltage spikes when the coil is de-energized. ```cpp // Example: Logic for pulsing a latching relay void switchRelay(int pin) { digitalWrite(pin, HIGH); // Send pulse delay(50); // Short duration (ms) digitalWrite(pin, LOW); // Turn off coil power } ``` --- ### 4. Common Applications * **Smart Home Devices:** Smart plugs and light switches (where the state must persist after a power outage). * **Battery Powered Systems:** Systems where minimizing current draw is a priority. * **Industrial Controls:** Signal switching where high reliability and low heat generation are required.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a single-coil and dual-coil latching relay?
    • ⤷ How do I calculate the required pulse duration for the RBS-5Z-R?
    • ⤷ Can this relay handle inductive loads like motors?