データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RCA-R

  • AI
    ### Overview of RCA Connectors (Phono Connectors) The **RCA connector** (Radio Corporation of America) is a type of electrical connector commonly used to carry audio and video signals. In technical terms, it is an unbalanced, coaxial connection. --- ### 1. Physical Anatomy of RCA Parts An RCA connection consists of two main components: the **Plug** (male) and the **Jack/Socket** (female). | Component | Description | Function | | :--- | :--- | :--- | | **Center Pin** | The protruding metal rod in the center of the plug. | Carries the "hot" or positive (+) signal. | | **Outer Ring** | The metal "petals" or sleeve surrounding the pin. | Serves as the Ground (-) and provides shielding. | | **Insulator** | A plastic or ceramic ring between the pin and ring. | Prevents short-circuiting between signal and ground. | | **Housing/Shell** | The outer grip area (metal or plastic). | Protects the internal wiring and provides grip. | --- ### 2. Standard Color Coding To simplify connections, RCA ports are color-coded based on the signal they carry: | Color | Signal Type | Usage | | :--- | :--- | :--- | | **Red** | Right Analog Audio | Stereo Sound | | **White** | Left Analog Audio | Stereo Sound (or Mono) | | **Yellow** | Composite Video | Standard Definition Video | | **Orange** | Digital Audio | S/PDIF (Coaxial Digital) | --- ### 3. Electronic Specifications RCA connectors are designed for low-frequency signals and have specific electrical characteristics: * **Impedance:** * Standard audio cables are generally not impedance-matched. * **Digital Audio (S/PDIF)** and **Video** cables require an impedance of **75 Ohms** to prevent signal reflection and ghosting. * **Signal Type:** Unbalanced. This means the return path (ground) is also used for shielding, making it susceptible to electromagnetic interference (EMI) over long distances. * **Voltage:** Typically carries "Line Level" signals (approx. 316mV to 2V). --- ### 4. Implementation in Circuits When designing a PCB for RCA parts, the footprint usually consists of two pads: ```cpp // Typical Pin Mapping for RCA Socket PCB 1. Signal Pad -> Connected to the Center Pin Trace 2. Ground Pad -> Connected to the Copper Pour / Ground Plane ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RCA cable and a Coaxial cable?
    • ⤷ Why are XLR connectors considered superior to RCA for professional audio?
    • ⤷ Can I use a yellow video RCA cable for audio signals?