AI

The **REB-3D-R** is a high-performance, professional-grade 3D LiDAR (Light Detection and Ranging) sensor developed by **Robosense** (often integrated into their RS-LiDAR platforms). It is primarily designed for autonomous driving, robotics, and industrial mapping.
Below is a breakdown of its core electronic components and technical architecture.
---
## 1. Core System Architecture
The electronics of the REB-3D-R are divided into three functional subsystems that handle light emission, signal capture, and data processing.
| Component Group | Function | Key Technology |
| :--- | :--- | :--- |
| **Laser Emitter Array** | Generates pulsed light | 905nm Near-Infrared (NIR) Laser Diodes |
| **Receiver Module** | Detects returning photons | Avalanche Photodiodes (APD) |
| **Processing Logic** | Controls timing and I/O | High-speed FPGA / ASIC |
---
## 2. Key Electronic Specifications
The performance of the unit is dictated by its internal circuitry, focusing on precision timing and high-speed data transmission.
* **Wavelength:** 905 nm (Class 1 Eye Safe).
* **Measurement Principle:** Time of Flight (ToF). The internal clock measures the nanosecond intervals between emission and detection.
* **Data Interface:** 100 Mbps Ethernet (UDP/IP).
* **Synchronization:** PPS (Pulse Per Second) and NMEA support for GPS time-stamping.
* **Operating Voltage:** Typically 9V to 32V DC (automotive grade surge protection).
---
## 3. The Scanning Mechanism
Unlike solid-state LiDAR, the REB-3D-R typically uses a **Mechanical Rotating Mirror** or a **Rotating Hybrid Solid-State** design.
1. **Motor Controller:** A precision brushless DC motor (BLDC) spins the optical assembly. The electronics include a closed-loop feedback system to maintain a constant rotation speed (usually 5Hz, 10Hz, or 20Hz).
2. **Encoder:** An optical or magnetic encoder provides the horizontal (azimuth) angular position to the processor in real-time.
3. **Signal Processing Board:** This board filters "noise" (like rain, fog, or dust) using multi-echo technology, allowing the sensor to see through environmental interference.
---
## 4. Input/Output (I/O) and Connectivity
The sensor connects to the host computer (Robot Controller or PC) via a ruggedized connector.
### Pinout Functionality
| Connection Type | Purpose |
| :--- | :--- |
| **Power (VCC/GND)** | Main power supply for lasers and motors. |
| **Ethernet (M12 or RJ45)** | High-speed point cloud data output. |
| **GPS Sync (PPS)** | Timing signal to align LiDAR data with GPS/IMU data. |
| **GPRMC/GPGGA** | Serial data input for geographical positioning. |
---
## 5. Environmental Protection Electronics
To ensure the electronic parts do not fail in outdoor conditions, the REB-3D-R includes:
* **Thermal Management:** Internal temperature sensors that monitor laser diode heat.
* **EMI/EMC Shielding:** Protection against electromagnetic interference from vehicle motors or radios.
* **Overvoltage Protection:** Guards the internal PCB against voltage spikes from a vehicle's alternator.
---
- ⤷
What is the maximum detection range of the REB-3D-R LiDAR?
- ⤷ How does multi-echo technology improve performance in rain or fog?
- ⤷ What are the power consumption requirements for this sensor?