データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • REB-63-R

  • AI
    The **REB-63-R** is a high-performance, compact **Single-Board Computer (SBC)** or evaluation kit, typically used for embedded systems, automation, and IoT applications. It is frequently associated with the **Renesas RZ/G2L** microprocessor series. --- ### ## Technical Specifications Overview The electronic design focuses on high-efficiency processing and diverse connectivity options. | Component | Specification | Description | | :--- | :--- | :--- | | **Processor** | Renesas RZ/G2L | Dual-core Arm Cortex-A55 (1.2 GHz) + Cortex-M33. | | **GPU** | Arm Mali-G31 | Supports 3D Graphics acceleration. | | **Memory (RAM)** | 1GB / 2GB LPDDR4 | High-speed system memory for multitasking. | | **Storage** | eMMC + MicroSD | 8GB/16GB onboard flash + expandable storage slot. | | **Network** | Gigabit Ethernet | RJ45 port for high-speed wired communication. | | **Wireless** | WiFi/Bluetooth | Integrated module for wireless IoT connectivity. | --- ### ### Key Electronic Modules #### 1. Processing Core The heart of the board is the **RZ/G2L MPU**. It uses a heterogeneous architecture: * **Cortex-A55:** Handles the Linux OS and complex application logic. * **Cortex-M33:** A real-time processor for low-latency tasks and sensor management. #### 2. Power Management (PMIC) The board utilizes a specialized Power Management Integrated Circuit to regulate voltages. It converts the input (usually 5V) into the multiple voltage rails required by the CPU, RAM, and I/O (typically 1.1V, 1.8V, and 3.3V). #### 3. Connectivity Interfaces The REB-63-R is designed for industrial integration, featuring: * **USB 2.0:** For peripherals like cameras or keyboards. * **CAN-FD:** Used in automotive and industrial robotics for robust communication. * **MIPI-DSI / CSI:** Standard interfaces for LCD displays and camera modules. * **GPIO Header:** 40-pin header for connecting custom sensors, LEDs, and actuators. #### 4. Video and Audio * **Micro-HDMI:** Allows for direct video output to monitors. * **Audio Codec:** Integrated chip for handling digital-to-analog sound conversion. --- ### ### Typical Use Cases * **HMI (Human Machine Interface):** Industrial touch panels. * **Edge AI:** Light image recognition and data processing. * **Gateway Devices:** Bridging industrial sensors to the cloud via Ethernet or WiFi.
    ✨ Follow-up Questions
    • ⤷ What are the compatible operating systems for the REB-63-R?
    • ⤷ How does the Cortex-M33 core interact with the Linux system on this board?
    • ⤷ What is the maximum power consumption of the REB-63-R under full load?