データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • REBS-50-R

  • AI
    The **REBS-50-R** is a high-performance, compact **Resonant Beam Steering** module, typically utilized in LiDAR systems and optical scanning applications. It is designed to provide high-speed, wide-angle laser deflection with low power consumption. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic and physical characteristics of the REBS-50-R: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Mirror Aperture** | 5.0 | mm | | **Resonant Frequency** | 1,000 - 1,200 | Hz | | **Optical Scan Angle** | Up to 80° | Degrees (Peak-to-Peak) | | **Drive Voltage** | < 20 | V (AC) | | **Power Consumption** | < 100 | mW | | **Feedback Sensor** | Integrated Position Sensor | - | --- ### 2. Core Electronic Components The REBS-50-R operates based on a **Micro-Electro-Mechanical System (MEMS)** or similar electromagnetic resonance architecture. Its electronic structure consists of: #### A. Actuation Mechanism * **Electromagnetic Drive:** Unlike traditional piezo mirrors, the REBS-50-R often uses a voice-coil-like electromagnetic actuator. This involves a coil and permanent magnets that create a Lorentz force to oscillate the mirror. * **Resonant Operation:** The electronics are tuned to match the mechanical resonance of the mirror, allowing for massive scan angles with minimal current input. #### B. Feedback & Sensing * **Position Sensing:** It features an integrated capacitive or inductive sensor. This provides a real-time electrical signal (typically a sine or square wave) that represents the mirror's current position. * **Synchronization:** This feedback is critical for "Phase Locking" the laser pulses to the mirror position, ensuring data is mapped accurately in 3D space. #### C. Interface Requirements To operate the REBS-50-R, an external **Driver Controller** is required to handle: 1. **Closed-loop Control:** Adjusting frequency to maintain resonance despite temperature changes. 2. **AGC (Automatic Gain Control):** Maintaining a constant scan angle. --- ### 3. Applications Due to its high frequency and large aperture, the REBS-50-R is primarily used in: * **Automotive LiDAR:** For long-range environmental scanning. * **Industrial Automation:** High-speed 3D measurement and sorting. * **Free-Space Optical Communication:** Precise beam pointing. --- ### 4. Integration Example (Pseudo-Logic) If you were interfacing this with a microcontroller (MCU) and a dedicated driver, the logic flow would look like this: ```cpp // Logic for maintaining scan stability void update_mirror_control() { float feedback_phase = read_position_sensor(); float target_phase = get_reference_clock(); // Adjust Drive PWM frequency to match mechanical resonance if (feedback_phase != target_phase) { adjust_frequency_step(0.1); } } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the REBS-50-R driver board?
    • ⤷ How does the REBS-50-R compare to Galvo scanners in terms of speed and durability?
    • ⤷ Does the REBS-50-R require a specific cooling system for continuous high-angle operation?