データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • REBS-52-R

  • AI
    ## Overview of the REBS-52-R The **REBS-52-R** is a specialized electronic component, typically categorized as a **Bi-Stable (Latching) Relay** used in automotive, marine, and industrial power management systems. It is designed to handle high current loads while minimizing power consumption. --- ### Core Specifications | Feature | Description | | :--- | :--- | | **Type** | Bi-Stable / Magnetic Latching Relay | | **Nominal Voltage** | Typically 12V or 24V DC (Model dependent) | | **Current Rating** | High capacity, often rated between 50A - 200A | | **Contact Form** | SPST (Single Pole Single Throw) | | **Mechanism** | Magnetic pulse toggle (does not require constant power to hold state) | --- ### Key Electronic Components & Functions The internal architecture of the REBS-52-R consists of several critical electronic parts: #### 1. The Magnetic Latching Coil Unlike standard relays that require continuous current to keep the contacts closed, the REBS-52-R uses a **latching mechanism**. * **Set Pulse:** A brief electrical pulse moves the armature to the "On" position. * **Reset Pulse:** A reverse pulse (or pulse to a second coil) moves it to "Off." * **Benefit:** Zero power consumption once the state is changed, preventing battery drain. #### 2. Power Contacts These are the heavy-duty parts responsible for carrying the main load. * **Material:** Usually silver-tin oxide or silver-cadmium oxide to resist "welding" under high spark conditions. * **Function:** Physically bridges the gap between the power source and the load. #### 3. Control Circuitry (Integrated Logic) The "R" suffix often denotes a specific configuration, such as a built-in **protection diode** or **resistor**. * **Flyback Diode:** Suppresses voltage spikes (back EMF) generated when the coil is de-energized, protecting sensitive upstream electronics like ECUs or PLCs. * **Resistor:** Used for transient voltage suppression. --- ### Application Logic Because this is a latching relay, the electronic interface must be designed to send **pulses** rather than a constant signal. ```python # Example logic for a microcontroller controlling a latching relay def toggle_relay(state): if state == "ON": send_pulse(pin_A, duration=100) # 100ms pulse to engage elif state == "OFF": send_pulse(pin_B, duration=100) # 100ms pulse to disengage ``` ### Common Use Cases * **Battery Isolation:** Disconnecting a vehicle battery to prevent discharge during storage. * **Remote Power Switching:** Turning off heavy industrial machinery from a low-power control panel. * **Solar Power Systems:** Managing load distribution without wasting energy on the relay coil itself.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the REBS-52-R?
    • ⤷ How does a bi-stable relay differ from a monostable relay in terms of wiring?
    • ⤷ What are the common failure modes for latching relays like this one?