データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • REBS-63-R

  • AI
    ## REBS-63-R: Electronic Parts and Specifications The **REBS-63-R** is a specific model of an **Earth Leakage Circuit Breaker (ELCB)** or **Residual Current Circuit Breaker (RCCB)**, typically produced by manufacturers like CNC Electric or similar industrial switchgear brands. It is designed to protect electrical circuits from leakage current, preventing electric shocks and fire hazards. --- ### Core Electronic & Technical Components The internal architecture of the REBS-63-R consists of several critical components that work together to detect faults: | Component | Function | | :--- | :--- | | **Zero-Phase Current Transformer (ZCT)** | The "brain" of the unit. It detects the imbalance between the incoming phase and outgoing neutral currents. | | **Electromagnetic Trip Relay** | A sensitive solenoid that triggers the mechanical disconnect if a fault current is detected. | | **Test Circuit (Resistor & Button)** | An internal electronic path that simulates a ground fault to verify the device's functionality. | | **Arc Chute** | A series of metal plates used to extinguish the electric arc generated when the contacts open under load. | | **Bimetallic Strip** | (In RCBO versions) Provides thermal protection against overcurrent/overloads. | --- ### Key Technical Specifications The model number "63" usually denotes the maximum current capacity. Below are the typical electronic parameters for this series: * **Rated Current ($I_n$):** 63 Amperes * **Rated Residual Operating Current ($I_{\Delta n}$):** Typically 30mA (for life safety) or 100mA/300mA (for fire protection). * **Number of Poles:** Usually available in 2P (Single Phase) or 4P (Three Phase). * **Tripping Type:** Type AC (Standard AC leakage) or Type A (AC + Pulsating DC leakage). * **Rated Voltage ($U_e$):** 230V (2P) or 400V (4P) AC. * **Breaking Capacity:** Often rated at 6kA. --- ### How the Electronic Sensing Works 1. **Current Monitoring:** Under normal conditions, the sum of the currents in the live and neutral wires is zero. 2. **Detection:** If there is a leak to the ground (e.g., someone touches a wire), the ZCT detects an imbalance. 3. **Induction:** This imbalance induces a small voltage in the secondary winding of the ZCT. 4. **Tripping:** This voltage powers the trip relay, which mechanically pulls the latch to disconnect the circuit within milliseconds (usually <0.1s). --- ### Wiring Diagram Overview (Logic) ```text [Line In] ----> [ZCT Sensor] ----> [Main Contacts] ----> [Load] | [Electronic Trigger] | [Magnetic Trip Coil] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Type AC and Type A for the REBS-63-R?
    • ⤷ How do I test if the ZCT sensor is still functioning correctly?
    • ⤷ Can the REBS-63-R be used for both residential and industrial applications?