データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • REBS-Z2-R

  • AI
    ### Overview of the REBS-Z2-R The **REBS-Z2-R** is a specific electronic component typically categorized under **Zigbee-based Wireless Relay/Switch modules**. These are widely used in smart building automation and industrial control systems to bridge the gap between low-power wireless signals and high-voltage power circuits. --- ### Key Electronic Specifications | Feature | Description | | :--- | :--- | | **Wireless Protocol** | Zigbee 3.0 (or Z-Wave depending on specific regional variant) | | **Input Voltage** | Typically 100V – 240V AC, 50/60Hz | | **Output Type** | Relay (Dry Contact or Power-Linked) | | **Max Load Current** | Usually rated for 2A to 10A (Model dependent) | | **Form Factor** | Compact DIN-rail or In-wall mounting module | --- ### Internal Electronic Architecture The REBS-Z2-R consists of several functional blocks that manage its operation: #### 1. Power Management Unit (PMU) * **AC-DC Converter:** Steps down the mains voltage (110V/220V) to low-voltage DC (3.3V or 5V) to power the internal logic. * **Voltage Regulators:** Ensures stable current to the sensitive microcontroller and Zigbee radio. #### 2. The Microcontroller (MCU) & Radio SoC * **SoC (System on Chip):** Integrates an ARM Cortex-M core with a 2.4GHz radio transceiver. * **Firmware:** Handles the Zigbee mesh networking stack, encryption, and device pairing logic. * **Antenna:** Typically an internal PCB trace antenna or a small ceramic chip antenna. #### 3. Relay Switching Circuit * **Electromechanical Relay:** The core component that physically opens or closes the circuit. * **Optocoupler/Driver:** Provides galvanic isolation between the low-voltage MCU side and the high-voltage relay side for safety. * **Snubber Circuit:** Often included to protect the relay contacts from arcing when switching inductive loads (like motors or fans). #### 4. I/O Interface * **LED Indicators:** Provides visual feedback for pairing status (flashing) and power status (solid). * **Physical Button:** Used for manual override or factory resetting the device. --- ### Functional Wiring Logic ```mermaid graph LR A[Mains AC Input] --> B[Power Supply] B --> C[Zigbee MCU] C --> D[Relay Driver] D --> E[Mechanical Relay] E --> F[Load / Device] C -.-> G[Status LED] ``` --- ### Safety and Protection Components * **Fuse/Varistor:** Protects the internal electronics from overvoltage spikes and surges. * **Isolation:** The "R" in the model often signifies **Relay** output, ensuring that the control signal is electrically isolated from the switched load.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage load supported by the REBS-Z2-R?
    • ⤷ Does this model support 'Dry Contact' switching for low-voltage gates?
    • ⤷ How do you perform a factory reset on the REBS-Z2-R hardware?