REF192
AI

## Overview of the REF192 Precision Voltage Reference
The **REF192** is a high-precision, low-dropout, micropower voltage reference. It is part of the REF19x series manufactured by Analog Devices. It is designed to provide a stable 2.5V output from a wide range of input voltages, making it ideal for high-resolution data acquisition systems.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the REF192:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 2.5 V |
| **Input Voltage Range** | 3.3 V to 15 V |
| **Output Current** | Up to 30 mA |
| **Quiescent Current** | < 45 μA |
| **Dropout Voltage** | 0.8 V (at max load) |
| **Temperature Coefficient** | 5 ppm/°C (Grade E) |
| **Initial Accuracy** | ±2 mV |
---
### 2. Core Functional Parts
The REF192 consists of several internal sub-circuits that ensure stability and precision:
* **Bandgap Reference Core:** The "heart" of the chip that generates the fundamental 2.5V reference using the thermal characteristics of silicon transistors.
* **Error Amplifier:** Compares the output voltage to the internal reference and adjusts the pass transistor to maintain a constant 2.5V output regardless of load changes.
* **PMOS Pass Transistor:** Allows the device to operate with a low dropout voltage and provide up to 30mA of current.
* **Shutdown Circuitry (Sleep Mode):** Includes a "SLEEP" pin (Pin 3). When pulled low, it reduces the current consumption to less than 15 μA.
---
### 3. Pin Configuration (8-Pin SOIC/PDIP)
Understanding the pinout is critical for PCB design:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 2 | **VIN** | Input Supply Voltage |
| 3 | **SLEEP** | Active low; pull low to shut down the device |
| 4 | **GND** | Ground |
| 6 | **VOUT** | Precision 2.5V Output |
---
### 4. Typical Application Circuit
To use the REF192 effectively, bypass capacitors are required to minimize noise.
```c
// Connection Logic:
// 1. Connect VIN (Pin 2) to Power Source (e.g., 5V).
// 2. Place a 0.1uF - 10uF capacitor between VIN and GND.
// 3. Connect SLEEP (Pin 3) to VIN for normal operation.
// 4. Output 2.5V is taken from VOUT (Pin 6).
// 5. Place a 1uF - 10uF capacitor between VOUT and GND for stability.
```
---
### 5. Common Use Cases
1. **Precision ADCs/DACs:** Provides the reference voltage for 12-bit to 16-bit converters.
2. **Portable Instrumentation:** Due to its low power consumption (micropower) and shutdown feature.
3. **Loop-Powered Industrial Systems:** Works well in 4-20mA current loop transmitters.
- ⤷
What are the differences between the various grades (E
- ⤷ F
- ⤷ G) of the REF192?
- ⤷ How does the dropout voltage affect the performance if the input drops below 3.3V?
- ⤷ Can the REF192 be used as a precision current source?