RG10
AI

The term **RG10** most commonly refers to a specific type of **Coaxial Cable** used in high-frequency signal transmission, particularly in military and industrial telecommunications. Below is a breakdown of its electronic composition, technical specifications, and internal structure.
---
### 1. Internal Structure of RG10 Coaxial Cable
A coaxial cable is defined by its layers. The RG10 is designed for durability and high power handling.
| Component | Material | Function |
| :--- | :--- | :--- |
| **Inner Conductor** | Bare Copper (Solid or Stranded) | Carries the actual electrical signal. |
| **Dielectric** | Solid Polyethylene (PE) | Insulates the core and maintains constant spacing. |
| **Outer Conductor** | Bare Copper Braid | Acts as a return path and shields against EMI. |
| **Armor (Optional)** | Aluminum or Steel Braid | Provides mechanical protection against crushing. |
| **Jacket** | PVC or Polyethylene | Protects the internal parts from moisture and chemicals. |
---
### 2. Key Electrical Specifications
The performance of RG10 is measured by how it handles impedance, capacitance, and signal loss (attenuation).
* **Characteristic Impedance:** $50\ \Omega$ (Ohms). This is the standard for power transmission and radio frequency (RF) signals.
* **Capacitance:** Approximately $101\ pF/m$.
* **Velocity of Propagation:** Typically around $66\%$.
* **Operating Voltage:** Can handle up to $3,000$ to $4,000$ Volts (RMS).
* **Frequency Range:** Effective for signals up to $3\ GHz$.
---
### 3. Comparison: RG10 vs. RG8
RG10 is often considered the "heavy-duty" or "armored" version of the more common RG8 cable.
| Feature | RG8 | RG10 |
| :--- | :--- | :--- |
| **Shielding** | Single Braid | Double Braid / Armored |
| **Durability** | Standard | High (Burial/Industrial) |
| **Signal Loss** | Moderate | Low |
| **Flexibility** | Flexible | Rigid |
---
### 4. Common Applications
Due to its rugged electronic design, RG10 is used in environments where signal integrity is critical despite physical stress:
* **Military Communications:** Ground support equipment and field radio links.
* **Broadcasting:** Connecting transmitters to antennas.
* **Industrial Plants:** Used in areas where cables might be stepped on or exposed to heavy machinery.
* **Underground Installations:** Its thick jacket and optional armor prevent environmental degradation.
- ⤷
What is the difference between 50 Ohm and 75 Ohm coaxial cables?
- ⤷ How does 'attenuation' affect signal quality in an RG10 cable?
- ⤷ Can RG10 be used for modern digital internet connections?