データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RG2-403N-R15

  • AI
    The **RG2-403N-R15** is a high-performance **Rotary Optical Encoder** typically manufactured by companies like NEMICON. These components are essential in industrial automation for sensing the position, velocity, and direction of a rotating shaft. --- ### 1. Technical Specifications The following table summarizes the primary electronic and mechanical characteristics of the RG2-403N-R15: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Resolution** | 400 Pulses Per Revolution (PPR) | | **Supply Voltage** | 5V to 12V DC (nominal) | | **Output Phase** | Phases A, B, and Z (Index) | | **Output Type** | NPN Open Collector | | **Max Response Frequency** | 100 kHz | | **Connection Type** | Radial Cable Outlet | --- ### 2. Core Electronic Components The device functions through a combination of optical and electronic sub-systems: #### A. Optical Assembly * **LED Emitter:** A high-intensity infrared LED that acts as the light source. * **Code Disc:** A rotating disc with 400 transparent and opaque slots. As it spins, it "choops" the light beam. * **Photo-Detector:** An integrated circuit containing photodiodes that convert light pulses into electrical signals. #### B. Signal Processing (PCB) * **Comparator/Schmitt Trigger:** Internally cleans the raw analog signals from the photodiodes into sharp square waves to prevent false triggering from noise. * **Output Driver:** Uses an **NPN Open Collector** configuration. * *Note:* This requires an external pull-up resistor connected to the controller (PLC/MCU) to define the "High" voltage level. --- ### 3. Wiring and Phase Logic The RG2 series typically follows a standard color code for its wiring: 1. **Red:** Vcc (Power Supply) 2. **Black:** 0V (Ground) 3. **White:** Phase A (Pulse signal) 4. **Green:** Phase B (90° offset from Phase A to determine direction) 5. **Yellow:** Phase Z (Index pulse; triggers once per full revolution) 6. **Shield:** Braided wire for EMI protection. --- ### 4. Application Use-Cases * **Motor Feedback:** Attached to the rear of a motor to monitor RPM. * **Length Measurement:** Used in conveyor systems to measure the distance a belt has traveled. * **Robotics:** Providing precise angular position for robotic joints.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the RPM of a motor using the 400 PPR signal?
    • ⤷ What is the purpose of Phase Z in an incremental encoder?
    • ⤷ Can I use this encoder with a 24V PLC system?