AI

The **RG3-210S-R15** is a high-precision, electromagnetic planetary gear motor assembly, often utilized in robotics, medical devices, and high-end automation. This specific model belongs to a class of compact actuators designed for high torque density and reliability.
### 1. Key Technical Specifications
The following table summarizes the primary electrical and mechanical characteristics of the RG3-210S-R15:
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | Coreless DC Motor / Brushless (variant dependent) |
| **Gear Ratio** | 1:15 (indicated by the R15 suffix) |
| **Input Voltage** | Typically 12V or 24V DC |
| **Gearbox Type** | Planetary Gearhead |
| **Shaft Diameter** | Standard 3mm to 4mm (depending on mounting) |
| **Backlash** | Low-backlash design (often < 1°) |
---
### 2. Core Electronic & Mechanical Components
#### A. Internal Motor Drive
The "heart" of this unit is usually a high-performance motor.
* **Winding Design:** Often utilizes a coreless winding to eliminate "cogging" (the jerky motion felt in standard motors), allowing for extremely smooth rotation at low speeds.
* **Commutation:** Uses precious metal brushes or high-grade carbon brushes to ensure low electrical noise and long service life.
#### B. The Planetary Gear System (The "R15" Part)
The "R15" signifies a **15:1 reduction ratio**.
* **Function:** It converts high-speed, low-torque rotation from the motor into low-speed, high-torque output.
* **Construction:** Consists of a sun gear, planet gears, and a ring gear. This configuration distributes the load over multiple gear teeth, making it more durable than standard spur gears.
#### C. Feedback Sensors (Optional/Integrated)
Depending on the specific revision, these units often include:
* **Optical or Magnetic Encoders:** Used to track the position and speed of the shaft.
* **Terminals:** Usually gold-plated or high-conductivity alloy to prevent oxidation and ensure stable power delivery.
---
### 3. Typical Applications
Due to its precision and "R15" torque multiplication, this part is found in:
1. **Medical Pumps:** Precise fluid delivery requiring consistent torque.
2. **Pan-Tilt Cameras:** Smooth movement without jitter.
3. **Robotic Grippers:** High force in a small form factor.
- ⤷
What is the maximum continuous torque rating for the R15 gearhead?
- ⤷ How do I calculate the output RPM based on the input voltage?
- ⤷ Are there waterproof versions of the RG3 series motors?