データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RGC2..10

  • AI
    The **RGC2 series** (specifically the RGC2 and RGC3) refers to **3-phase Solid State Relays (SSRs)** with integrated heatsinks, manufactured by Carlo Gavazzi. These are electronic switching devices used to control high-current industrial loads like heaters or motors without moving parts. Below is an explanation of the electronic components and technical specifications for the **RGC2** series. --- ### 1. Core Electronic Components The RGC2 utilizes semiconductor technology to manage electrical switching. The internal architecture consists of: | Component | Function | | :--- | :--- | | **Back-to-Back Thyristors** | The power switching elements that handle the high AC current. | | **Opto-Isolator** | Provides galvanic isolation (typically up to 4000Vrms) between the low-voltage control signal and the high-voltage load. | | **Zero-Cross Circuit** | Ensures the relay only turns on when the AC sine wave crosses 0V, reducing EMI and electrical noise. | | **Varistor (MOV)** | Integrated overvoltage protection to shield the thyristors from voltage spikes. | | **Status LED** | A visual indicator (usually green) showing the presence of control voltage. | --- ### 2. Technical Specifications (RGC2..10) The "10" in the model name typically refers to the **amperage rating** per pole or the specific configuration of the series. | Feature | Specification | | :--- | :--- | | **Rated Operational Voltage** | Up to 600 VAC (depending on the specific sub-model) | | **Control Voltage** | 5-32 VDC or 20-275 VAC / 24-190 VDC | | **Rated Operational Current** | 10 Amps AC per phase (at 40°C) | | **Switching Mode** | Zero Cross Switching (ideal for resistive loads) | | **IP Rating** | IP20 (Touch-safe design) | --- ### 3. Key Electronic Features * **Integrated Heatsink:** Unlike standard SSRs, the RGC series is "ready-to-use" with a built-in thermal management system. * **Short Circuit Current Rating (SCCR):** Designed to withstand up to 100kA with appropriate fusing. * **Over-temperature Protection:** Some advanced models in this range include an integrated thermistor that shuts down the device if the heatsink exceeds safe temperature limits. * **Monitoring Features:** Certain variants (RGC2P) allow for proportional control (4-20mA or 0-10V input) rather than simple ON/OFF switching. --- ### 4. Wiring and Terminal Layout The RGC2 typically features two rows of terminals: 1. **Input Terminals (A1, A2):** Where the low-voltage PLC or controller signal is connected. 2. **Output Terminals (L1, L2, L3 & T1, T2, T3):** Where the 3-phase incoming power and the load (heaters) are connected.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero Cross and Instant On switching in RGC relays?
    • ⤷ How do I calculate the heat dissipation for an RGC2..10 unit?
    • ⤷ Which types of fuses are recommended to protect the thyristors in this relay?