データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RI-TRP-R4FF

  • AI
    ## RI-TRP-R4FF: Technical Overview The **RI-TRP-R4FF** is a high-performance Radio Frequency Identification (RFID) transponder manufactured by Texas Instruments. It belongs to the **TIRIS™** (Texas Instruments Registration and Identification System) product line. It is specifically a **Read-Only** transponder in a 32mm glass capsule format. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 134.2 kHz | | **Technology** | FM (FSK - Frequency Shift Keying) | | **Memory Size** | 64 Bits (Pre-programmed) | | **Transponder Type** | Read-Only (Passive) | | **Housing Material** | Hermetically sealed glass | | **Dimensions** | 32mm (Length) x 3.85mm (Diameter) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Electronic Components & Architecture The RI-TRP-R4FF operates as a **passive** device, meaning it has no internal battery. Its internal circuitry consists of three primary stages: #### A. The Antenna (Resonant Loop) * **Inductor ($L$):** A micro-coil of copper wire wound around a ferrite core. * **Capacitor ($C$):** An internal high-stability capacitor. * **Function:** Together, they form an **LC Resonant Circuit** tuned to 134.2 kHz. This circuit captures the magnetic field from the reader to power the chip. #### B. Power Management Unit * This stage rectifies the AC voltage induced in the antenna and stores it in an internal storage capacitor. * Once the reader's "charge pulse" stops, this stored energy powers the internal logic to transmit the identification data back. #### C. The Logic & Memory Core * **64-bit Memory:** Contains a unique, laser-programmed identification code. * **FSK Modulator:** Uses **Frequency Shift Keying**. It toggles between 134.2 kHz (Logic '0') and 124.2 kHz (Logic '1') to send the digital ID back to the reader. --- ### 3. Operational Logic (HDX Principle) The device utilizes **Half-Duplex (HDX)** communication, which improves performance in noisy environments: 1. **Charging Phase:** The reader sends a 134.2 kHz signal for ~15-50ms. The transponder stores this energy. 2. **Transmission Phase:** The reader stops sending. The transponder uses its stored energy to transmit its 64-bit code via FSK modulation. 3. **End of Cycle:** The storage capacitor is depleted, and the transponder waits for the next charge pulse. --- ### 4. Typical Applications * **Access Control:** High-security vehicle or personnel entry. * **Asset Tracking:** Monitoring industrial equipment or gas cylinders. * **Waste Management:** Tracking bins and disposal frequency. * **Harsh Environments:** The glass encapsulation allows it to be used in liquids or chemical environments.
    ✨ Follow-up Questions
    • ⤷ How does FSK modulation differ from ASK in RFID performance?
    • ⤷ What is the maximum read distance for the RI-TRP-R4FF?
    • ⤷ Can the 64-bit ID of this transponder be changed after manufacturing?