データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RIF-RHM-2

  • AI
    The **RIF-RHM-2** is an electronic module typically used in industrial automation, specifically within the **Phoenix Contact RIFLINE Complete** relay system. It is a specialized timer module designed to be plugged into a relay base to provide time-delay functionality to a standard mechanical relay. --- ### 1. Key Electronic Specifications The RIF-RHM-2 is a multi-function timer module. Below are its primary technical characteristics: | Feature | Specification | |:---|:---| | **Input Voltage Range** | 24 V AC/DC ... 240 V AC/DC | | **Time Delay Range** | 0.1 seconds to 100 hours (adjustable) | | **Control Accuracy** | ±1% (Repeat accuracy) | | **Setting Method** | Rotary switches (Potentiometers) on the front | | **Status Indicators** | Yellow LED (Relay status), Green LED (U/t status) | --- ### 2. Functional Components The device consists of several internal electronic layers that allow it to interface with a relay: * **Microcontroller-based Timing:** Unlike old thermal or pneumatic timers, the RIF-RHM-2 uses a digital integrated circuit to ensure high precision over long durations. * **Voltage Regulator:** An internal wide-range power supply allows the unit to operate across various industrial voltages (24V to 240V) without manual switching. * **Rotary Potentiometers:** * **T (Time):** Sets the numerical value. * **Unit:** Sets the time scale (seconds, minutes, hours). * **Mode:** Selects the specific logic function. * **Contact Interface:** Features gold-plated or high-conductivity pins that plug directly into the RIF-1 through RIF-4 relay bases, bridging the coil circuit. --- ### 3. Integrated Timing Functions The "Electronic" intelligence of the RIF-RHM-2 allows it to perform several logic functions that a standard relay cannot: 1. **On-Delay (E):** The relay activates only after a set time has passed following power application. 2. **Off-Delay with Control Contact (R):** The relay deactivates after a set time once the control signal is removed. 3. **Flashing (B):** The relay pulses on and off at regular intervals. 4. **One-Shot / Pulse Shaping:** Creates a specific pulse length regardless of the input signal duration. --- ### 4. Wiring Diagram Concept Internally, the module sits in parallel with the coil of the relay. ```mermaid graph LR A[Input Voltage L/+] --> B[RIF-RHM-2 Timer Circuit] B --> C[Internal Logic/IC] C --> D[Relay Coil Activation] A --> E[External Control Contact] E --> C ``` ---
    ✨ Follow-up Questions
    • ⤷How do you set the specific time range on the RIF-RHM-2 pots?
    • ⤷ What is the difference between the RIF-RHM-1 and RIF-RHM-2?
    • ⤷ Can this module be used with any relay base?