データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RIF-RHM-4

  • AI
    The **RIF-RHM-4** refers to a high-current, heavy-duty relay module within the **RIFLINE Complete** series manufactured by Phoenix Contact. It is designed for industrial automation where high switching capacities and modular maintenance are required. --- ### 1. Technical Specifications The "4" in the name generally denotes a **4-pole (4PDT)** configuration. Below are the key electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Contact Type** | 4 Changeover contacts (4PDT) | | **Nominal Voltage** | Typically 24V DC or 120V/230V AC (model dependent) | | **Switching Current** | Up to 6A per contact (General purpose) | | **Mounting Type** | DIN Rail (NS 35/7,5) | | **Connection Method** | Push-in or Screw connection | | **Mechanical Indicator** | Integrated flag/LED for status monitoring | --- ### 2. Core Electronic Components The RIF-RHM-4 system is comprised of three main electronic parts that work together: #### A. The Relay (Plug-in) The heart of the module is the **REL-IR4** plug-in industrial relay. * **Coil:** Uses an electromagnetic coil to actuate the contacts. * **Manual Override:** Often includes a lockable manual test button to simulate switching without power. #### B. The Base (RIF-4-BSC) The base provides the electronic interface between the control system and the relay. * **Input/Output Terminals:** Separated levels for coil control and contact switching. * **Bridge Support:** Slots for plug-in bridges to simplify potential distribution. #### C. The Interference Suppression Module Standard units include a plug-in module (Varistor or RC element) to: * Protect the control electronics from back-EMF (voltage spikes). * Provide a visual LED status indicator. --- ### 3. Applications and Benefits * **Signal Multiplication:** One input signal can control four independent outputs. * **Galvanic Isolation:** Separates low-power control circuits (PLCs) from high-power load circuits. * **Maintenance:** Since the relay is a plug-in part, it can be replaced without disconnecting the wiring from the base, reducing downtime. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RIF-1 and RIF-4 series?
    • ⤷ How do I select the correct suppression module for a 24V DC RIF-RHM-4?
    • ⤷ What is the maximum switching power for DC loads in this relay?