データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RJK0328DPB-01_15

  • AI
    ## Overview of RJK0328DPB-01#J5 The **RJK0328DPB** is a high-performance N-channel Power MOSFET developed by Renesas Electronics. It is specifically designed for high-efficiency power conversion applications, such as DC-DC converters in computers, servers, and telecommunication equipment. --- ### Technical Specifications The following table summarizes the key electrical characteristics of the RJK0328DPB: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DSS}$ | 30 | V | | Gate-Source Voltage | $V_{GSS}$ | $\pm$20 | V | | Continuous Drain Current | $I_D$ | 45 | A | | On-State Resistance (Max) | $R_{DS(on)}$ | 4.8 | m$\Omega$ | | Total Gate Charge | $Q_g$ | 16 | nC | | Package Type | LFPAK | - | - | --- ### Key Features and Benefits * **Low On-Resistance ($R_{DS(on)}$):** Minimizes conduction losses, which is critical for maintaining high efficiency in high-current applications. * **Low Gate Charge ($Q_g$):** Reduces switching losses, allowing the MOSFET to operate efficiently at high switching frequencies. * **LFPAK Package:** This package offers excellent thermal performance and low parasitic inductance compared to traditional SO-8 packages. * **High Speed Switching:** Optimized for applications requiring rapid transitions. --- ### Common Applications 1. **CPU/GPU Power Delivery:** Used in Voltage Regulator Modules (VRMs) for modern processors. 2. **Point-of-Load (POL) Converters:** Essential for stepping down voltages on motherboards. 3. **Battery Management Systems:** Useful in protection circuits due to low power dissipation. 4. **Synchronous Rectification:** Ideal for the secondary side of isolated power supplies. --- ### Pin Configuration (Typical LFPAK) ```text _______ (S) |1 8| (D) (S) |2 7| (D) (S) |3 6| (D) (G) |4____5| (D) S = Source | G = Gate | D = Drain ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the LFPAK and standard SO-8 packages for this MOSFET?
    • ⤷ How does the low gate charge affect the switching frequency in a DC-DC converter?
    • ⤷ Can this MOSFET be used in automotive applications
    • ⤷ or is it strictly for consumer electronics?