データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RJK0393DPA-00-J53

  • AI
    The **RJK0393DPA-00-J53** is a high-performance N-channel Power MOSFET designed primarily for high-efficiency power management applications, such as DC-DC converters and voltage regulators. It is manufactured by Renesas Electronics. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the RJK0393DPA: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 V | | **Continuous Drain Current** | $I_D$ | 40 A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 2.5 mΩ (typ) @ $V_{GS}$ = 10V | | **Total Gate Charge** | $Q_g$ | 24 nC (typ) | | **Package Type** | WPAK | SOP-8 Equivalent (Heat sink on bottom) | --- ### 2. Functional Features * **Low On-Resistance:** The extremely low $R_{DS(on)}$ (typically 2.5 mΩ) minimizes conduction losses, making it highly efficient for high-current applications. * **High-Speed Switching:** Optimized for high-frequency switching, reducing energy loss during the transition between ON and OFF states. * **WPAK Package:** This is a small, surface-mount package featuring a thermal pad on the bottom. This design allows for superior heat dissipation compared to standard SOP-8 packages. * **Logic Level Drive:** It can be fully driven with a gate voltage of 4.5V, making it compatible with various logic controllers. --- ### 3. Application Areas The RJK0393DPA is commonly found in circuits requiring high density and high efficiency: 1. **Motherboards & Servers:** Used in Voltage Regulator Modules (VRM) to step down voltage for CPUs and GPUs. 2. **DC-DC Converters:** Ideal for point-of-load (POL) power supplies. 3. **Battery Management:** Used in protection circuits and charging systems for portable electronics. --- ### 4. Pin Configuration (WPAK/SOP-8) In a standard WPAK configuration, the pins are generally assigned as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 2, 3 | **Source (S)** | Source terminal | | 4 | **Gate (G)** | Control terminal | | 5, 6, 7, 8 | **Drain (D)** | Connected to the thermal pad for heat sinking | ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent MOSFETs for the RJK0393DPA?
    • ⤷ How does the thermal pad on the WPAK package affect PCB layout?
    • ⤷ What is the maximum operating junction temperature for this part?