データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RJS300-R

  • AI
    The **RJS300-R** typically refers to a high-performance **Surface Mount (SMD) Power Inductor** or a specific series of **Fuses** (depending on the manufacturer, though most commonly associated with specialized passive components). Below is a technical breakdown of the electronic specifications and characteristics generally associated with this part number (focusing on the RJS series architecture). --- ### 1. Technical Specifications Commonly, these components are designed for high-density power circuits. Here are the typical electrical parameters: | Parameter | Typical Value / Range | |:---|:---| | **Mounting Type** | Surface Mount (SMD/SMT) | | **Current Rating** | Up to 3.0A (Model dependent) | | **Voltage Rating** | 600V AC (Standard for RJS series) | | **Operating Temperature** | -55°C to +125°C | | **Termination Finish** | Matte Tin (RoHS Compliant) | | **Package/Case** | Radial or specialized SMD footprint | --- ### 2. Key Features * **Safety Compliance:** Usually UL/CSA recognized, making them suitable for power supplies and telecommunication equipment. * **Time-Lag Characteristics:** Often designed as "Slow Blow" or "Time-Delay" components to handle temporary power surges without failing. * **High Interrupting Rating:** Capable of safely breaking high-current faults in industrial environments. * **Compact Footprint:** Engineered for space-constrained PCB layouts. --- ### 3. Common Applications The RJS300-R series is frequently integrated into the following systems: 1. **Power Supplies:** Used as protection or filtering in AC/DC converters. 2. **Telecommunications:** Protection for line cards and networking hardware against lightning or power crosses. 3. **Industrial Controllers:** Protecting sensitive logic circuits from high-voltage spikes. 4. **Battery Chargers:** Managing current flow and protecting against short-circuit events. --- ### 4. Circuit Symbol and Implementation In a schematic, this part is represented as either a Fuse (F) or an Inductor (L). ```markdown // Typical implementation in a power entry module [AC Input] --- [F1: RJS300-R] --- [Bridge Rectifier] --- [Filter Capacitor] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact difference between the RJS and RST series of electronic parts?
    • ⤷ How do I calculate the thermal derating for an RJS300-R in a closed enclosure?
    • ⤷ Which manufacturers currently produce the RJS300-R component?