データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RL-059C

  • AI
    The **RL-059C** is a specialized precision alloy cutting wire tool, primarily used in the electronics repair industry for **Screen Separation** (LCD/OLED from glass). While the wire itself is a mechanical component, its design is dictated by the electronic properties of the devices it services. Below is a breakdown of its characteristics and technical specifications. --- ## 1. Technical Specifications The RL-059C comes in various ultra-thin diameters to accommodate modern high-resolution displays. | Feature | Specification | | :--- | :--- | | **Material** | Carbon Steel / Tungsten Alloy | | **Available Diameters** | 0.03mm, 0.05mm, 0.08mm | | **Tensile Strength** | High (Resistance to breaking under heat) | | **Application** | Cold/Hot separation of LCD/OLED/Touch Screens | | **Brand** | RELIFE | --- ## 2. Electronic Industry Applications The RL-059C is critical in the "Refurbishing" phase of electronic device repair. ### A. Screen Delamination Modern smartphones use **Optical Clear Adhesive (OCA)** to bond the glass to the digitizer. To repair a broken glass without replacing the expensive OLED panel: 1. The screen is placed on a **Vacuum Separator** (heated plate). 2. The RL-059C wire is passed between the glass and the display. 3. The wire must be thin enough to avoid damaging the **polarizer film** or the **TFT layer**. ### B. Heat Conductivity Unlike standard wire, the RL-059C is designed to maintain structural integrity while in contact with a heat plate (typically set between **80°C and 110°C**). It facilitates the "slicing" through softened glue without melting or warping. --- ## 3. Comparison of Wire Thickness Choosing the correct diameter is essential for preventing damage to electronic layers. | Diameter | Primary Use Case | Risk Factor | | :--- | :--- | :--- | | **0.03mm** | Curved OLED screens (Samsung S-series/iPhone) | High snap risk; very precise. | | **0.05mm** | Standard Flat LCDs (iPhone 8, etc.) | Balanced strength and precision. | | **0.08mm** | Large tablets or heavy adhesive removal | Can damage delicate polarizers. | --- ## 4. Maintenance & Usage Tips * **Avoid Friction Heat:** Moving the wire too fast can generate localized friction heat, which might burn the pixels of an OLED panel. * **Angle of Entry:** Keep the wire parallel to the heating element to avoid cutting into the electronic substrate. * **Storage:** The alloy is prone to oxidation; keep it in its original packaging to ensure smooth sliding. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between carbon steel and tungsten cutting wires?
    • ⤷ How do I choose the right diameter for an iPhone 13 Pro screen repair?
    • ⤷ Can the RL-059C be used without a vacuum separator?