データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RL-7700-3LP-R12

  • AI
    The **RL-7700-3LP-R12** refers to a high-performance **Brushless DC (BLDC) Motor Controller** typically used in industrial automation, robotics, and precision motion control systems. It is designed to drive three-phase motors with high efficiency and reliability. --- ### Core Specifications and Features | Feature | Description | | :--- | :--- | | **Motor Type** | 3-Phase Brushless DC (BLDC) | | **Control Interface** | Analog (Potentiometer) or Digital (PWM/TTL) | | **Voltage Range** | Typically 12V to 48V DC (R12 variant specific) | | **Feedback System** | Hall Effect Sensor inputs for commutation | | **Protection Circuits** | Over-current, Over-voltage, and Thermal protection | | **Form Factor** | Low-profile (LP) PCB design for tight integration | --- ### Key Electronic Components The architecture of this controller consists of several critical stages: #### 1. Power Stage (MOSFET Bridge) The heart of the controller is a **3-phase inverter bridge**. It utilizes six high-speed MOSFETs arranged in pairs to switch power to the motor phases. The "R12" designation often implies optimized resistance (Rds_on) for lower heat dissipation at higher currents. #### 2. Microcontroller / Logic Unit A dedicated IC handles the logic for: * **Commutation:** Interpreting Hall sensor signals to fire the MOSFETs in the correct sequence. * **Speed Control:** Processing PWM (Pulse Width Modulation) signals to adjust the duty cycle and regulate RPM. #### 3. Protection and Sensing * **Shunt Resistors:** Used for real-time current sensing to prevent motor burnout. * **Capacitor Bank:** High-ESR electrolytic capacitors stabilize the DC bus voltage and absorb back-EMF (Electromotive Force) spikes. --- ### Pinout and Connectivity | Header | Function | Description | | :--- | :--- | :--- | | **P1 (Power)** | VCC / GND | Main DC power input | | **P2 (Motor)** | Phase U, V, W | Connections to the 3 motor windings | | **P3 (Sensors)** | H1, H2, H3, 5V, GND | Hall Effect sensor feedback from motor | | **P4 (Control)** | PWM / DIR / BRK | Speed signal, Direction, and Electronic Brake | --- ### Typical Applications 1. **Conveyor Systems:** Precise speed regulation for assembly lines. 2. **Medical Equipment:** Quiet operation for pumps or scanning beds. 3. **AGVs (Automated Guided Vehicles):** Efficient power management for battery-operated robots.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the RL-7700-3LP-R12?
    • ⤷ How do I wire a potentiometer to this controller for speed control?
    • ⤷ Does this model support sensorless BLDC operation?