データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RL0603-D-R080F

  • AI
    The **RL0603-D-R080F** is a precision **Current Sensing Resistor** manufactured by companies like Yageo. This specific part belongs to a class of low-resistance components designed for power management and current detection. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the specific characteristics of the component: | Prefix/Code | Meaning | Description | | :--- | :--- | :--- | | **RL** | Series | Current Sensing Resistor (Low Resistance) | | **0603** | Size Code | Dimensions in inches (approx. 1.6mm x 0.8mm) | | **D** | Tolerance | ±0.5% (High precision) | | **R** | Packaging | Paper tape & reel (standard) | | **080** | Resistance Value | 0.080 Ohms (80 mΩ) | | **F** | TCR / Special | Power rating/Material specific code | --- ### 2. Technical Specifications The electrical characteristics are critical for circuit design integration: * **Resistance:** 0.080 Ω (80 mΩ) * **Power Rating:** Usually 0.1W (1/10 Watt) at 70°C. * **Tolerance:** ±0.5% (This is a "D" class tolerance, indicating high accuracy). * **TCR (Temperature Coefficient):** Typically ±200 ppm/°C to ±600 ppm/°C depending on the specific sub-series. * **Operating Temperature:** -55°C to +155°C. * **Construction:** Metal glaze / Thick film on ceramic. --- ### 3. Key Features & Applications This component is not a standard resistor; it is engineered for specific roles in electronic circuits. #### **Key Features:** * **High Reliability:** Designed to handle small surges. * **Low Inductance:** Necessary for high-frequency current sensing. * **Lead-Free:** Compliant with RoHS standards. #### **Common Applications:** 1. **Battery Management Systems (BMS):** Monitoring charging and discharging currents in mobile devices. 2. **DC-DC Converters:** Measuring the output current to ensure voltage regulation. 3. **Power Inverters:** Detecting over-current conditions to protect sensitive components. 4. **Motor Control:** Feedback loops to monitor the torque and speed of small DC motors. --- ### 4. Implementation Example In a typical application, this resistor is placed in series with the load. The voltage drop ($V = I \times R$) across the 80mΩ resistor is measured by an Operational Amplifier or an ADC. ```python # Calculation Example: # If the circuit detects a voltage drop of 16mV across the RL0603-D-R080F: resistance = 0.080 # Ohms voltage_drop = 0.016 # Volts current = voltage_drop / resistance print(f"Current detected: {current} Amperes") # Output: 0.2 Amperes (200mA) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 0.1W power rating?
    • ⤷ How does a 0.5% tolerance impact the accuracy of a current sensing circuit?
    • ⤷ What are the alternatives to the 0603 package size for higher power dissipation?