データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RL0809-103-R

  • AI
    The **RL0809-103-R** is a specific model of a **Radial Leaded Inductor** (often referred to as a "bobbin core" or "choke" inductor). These components are primarily used for power management and noise filtering in electronic circuits. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **RL** | Series Prefix | Radial Leaded Inductor series. | | **0809** | Physical Size | Approximately 8mm (diameter) x 9mm (height). | | **103** | Inductance Value | **10,000 µH** (or 10mH). The first two digits are the value, the third is the multiplier ($10 \times 10^3$). | | **-R** | Compliance | RoHS compliant (Lead-free). | --- ### 2. Technical Specifications While exact parameters can vary slightly by manufacturer (such as Bourns or local equivalents), standard specs for this part include: * **Inductance:** 10 mH (Millihenries). * **Tolerance:** Typically ±10%. * **Core Material:** Ferrite (high permeability, low loss at high frequencies). * **Packaging:** Radial leads (through-hole mounting) usually encased in UL-shrunk tubing for protection. * **Current Rating (IDC):** Usually low (approx. 30mA - 80mA) because of the high inductance value and thin wire gauge. * **DC Resistance (DCR):** High (often in the range of 15–30 Ohms) due to the large number of wire turns required for 10mH. --- ### 3. Key Applications Because of its high inductance and relatively low current capacity, the RL0809-103-R is used for: 1. **EMI/RFI Filtering:** Suppressing high-frequency noise in power supplies. 2. **Signal Processing:** Used in low-frequency filters or timing circuits. 3. **Power Supplies:** Acts as a "choke" in DC-DC converters to smooth out ripples in the current. 4. **Audio Circuits:** Used in crossover networks or noise isolation. --- ### 4. Comparison Table: Radial vs. Surface Mount (SMD) | Feature | RL0809 (Radial) | SMD Inductor | | :--- | :--- | :--- | | **Mounting** | Through-hole (PCB holes) | Surface Mount (Pads) | | **Repairability** | Easy to replace manually | Requires soldering station | | **Mechanical Stability** | High (leads provide anchor) | Moderate | | **Space Efficiency** | Takes vertical space | Compact footprint | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the RL0809-103-R?
    • ⤷ How does the DCR of this inductor affect circuit efficiency?
    • ⤷ Can this inductor be used in high-frequency switching power supplies?