データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RL1632H-R050F

  • AI
    The **RL1632H-R050F** is a high-precision, low-resistance chip resistor primarily used for current sensing applications. It belongs to the **RL Series** manufactured by **Susumu Co., Ltd.** --- ### 1. Key Technical Specifications Below is a breakdown of the electrical and physical characteristics of this specific component: | Feature | Specification | Detail | | :--- | :--- | :--- | | **Part Number** | RL1632H-R050F | Industry standard naming convention | | **Case Size** | 1206 (Metric 3216) | 3.2mm x 1.6mm footprint | | **Resistance Value** | 50 mΩ (0.050 Ω) | Ultra-low resistance for minimal power loss | | **Tolerance** | ±1% (F) | High precision for accurate sensing | | **Power Rating** | 0.5W (1/2 Watt) | Sustained power dissipation capability | | **Temperature Coefficient (TCR)** | ±100 ppm/°C | Stability across temperature fluctuations | | **Operating Temp** | -55°C to +155°C | Industrial grade thermal range | --- ### 2. Part Number Deciphering To understand the component's variant, here is how the nomenclature is built: * **RL**: Series name (Low resistance chip resistors). * **1632**: Physical dimensions (1.6mm x 3.2mm). *Note: The 'H' indicates long-side terminals for better heat dissipation.* * **R050**: The resistance value. "R" acts as the decimal point (0.050 Ohms). * **F**: The tolerance code (F = ±1%). --- ### 3. Core Technologies & Advantages * **Metal Foil/Thin Film Construction:** Unlike standard thick-film resistors, the RL series uses specialized materials to achieve very low resistance values with high accuracy. * **Long-Side Termination:** The "H" type indicates that the electrical contacts are on the long sides of the rectangular body. This reduces parasitic inductance and improves heat transfer to the PCB. * **Current Sensing:** Because the resistance is so low, it is placed in series with a load. By measuring the voltage drop across this resistor ($V = I \times R$), a microcontroller can calculate the current ($I$) flowing through the circuit. --- ### 4. Typical Applications * **Power Management:** DC-DC converters and voltage regulators. * **Battery Monitoring:** Sensing charge and discharge currents in mobile devices or power tools. * **Motor Control:** Detecting over-current conditions in small motors. * **Automotive Electronics:** Used in various ECU sensing modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between long-side and short-side termination in SMD resistors?
    • ⤷ Can this resistor be used in high-frequency power circuits?
    • ⤷ How do I calculate the maximum current this resistor can handle based on its 0.5W rating?