データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RL2550L-R005F

  • AI
    The **RL2550L-R005F** is a specialized high-power, low-resistance surface mount resistor, typically used for current sensing applications. --- ### 1. Key Technical Specifications Based on the part number nomenclature (likely from manufacturers like **Susumu** or similar precision resistor specialists), here are the technical parameters: | Parameter | Value / Description | | :--- | :--- | | **Resistance Value** | 5 mΩ (0.005 Ohms) | | **Tolerance** | ±1% (F) | | **Power Rating** | 1W to 2W (varies by thermal design) | | **Case Size** | 2550 (Metric) / ~1020 (Imperial) | | **Termination Type** | Long-side terminations (Wide Terminal) | | **Temperature Coefficient (TCR)** | Low (typically ±100ppm/°C or better) | --- ### 2. Physical Design: Wide Terminal (Long-Side) The "2550" designation indicates a **wide-terminal** construction. Unlike standard resistors where the electrodes are on the short ends, these have electrodes on the long sides. * **Higher Power Dissipation:** The larger contact surface area allows for better heat transfer to the PCB. * **Lower Inductance:** The shorter distance between electrodes reduces parasitic inductance, making it ideal for high-frequency switching circuits. * **Mechanical Strength:** Improved solder joint reliability against thermal expansion. --- ### 3. Functional Application Because the resistance is extremely low (5mΩ), this part is primarily used as a **Shunt Resistor** for **Current Sensing**: 1. **Current-to-Voltage Conversion:** As current flows through the resistor, it creates a small voltage drop ($V = I \times R$). 2. **Monitoring:** A micro-controller or Current Sense Amplifier measures this voltage to determine how much current is flowing through the system. 3. **Protection:** Used to detect over-current conditions to shut down power supplies before damage occurs. --- ### 4. Common Use Cases * **Battery Management Systems (BMS):** Monitoring charge/discharge rates in Li-ion packs. * **DC-DC Converters:** Providing feedback loops for voltage regulation. * **Motor Control:** Sensing phase currents in industrial or automotive motors. * **Power Supplies:** Load monitoring in high-efficiency server power units. ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a 5mΩ resistor over a 100mΩ resistor for current sensing?
    • ⤷ How does 'wide terminal' design affect the heat dissipation of the RL2550L?
    • ⤷ What is the significance of the 'F' suffix in the part number?