データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RL2550W-R005F

  • AI
    The **RL2550W-R005F** is a high-precision, low-resistance current-sensing chip resistor. These components are specifically designed to measure current by monitoring the voltage drop across a known resistance value. --- ### 1. Technical Specifications The part number follows a standard nomenclature typically associated with manufacturers like **Susumu** or **Cyntec**. Here is the technical breakdown: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Current Sensing Chip Resistor | | **Resistance Value** | 0.005 $\Omega$ (5m$\Omega$) | | **Tolerance** | $\pm$1% (denoted by 'F') | | **Power Rating** | 2.0 Watts (Typical for 'W' series in this size) | | **Package Size** | 2550 (Metric: 6412) - Wide terminal type | | **Temperature Coefficient** | Low TCR (typically $\pm$100ppm/°C or lower) | --- ### 2. Key Physical Features * **Wide Terminal Construction:** The "W" in the part number often indicates a wide terminal design. By placing the terminals on the long sides of the rectangular body, the component offers better heat dissipation and lower parasitic inductance. * **Metal Foil / Plate Technology:** These resistors are usually constructed from a metal alloy plate rather than a thick film paste. This provides high stability and the ability to handle high pulse currents without failure. --- ### 3. Application Use Cases This specific part (5m$\Omega$ at 2W) is commonly used in power management circuits where high current needs to be monitored with minimal power loss. 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. 2. **DC-DC Converters:** Providing feedback for current-mode control loops. 3. **Motor Controllers:** Sensing phase currents to manage torque and speed. 4. **Over-current Protection:** Triggering safety shutdowns when current exceeds limits. --- ### 4. Circuit Implementation (Ohm's Law) To calculate the voltage output $(V_{sense})$ that a microcontroller or Op-Amp will see when current $(I)$ passes through this resistor: ```python # Simple Python calculation for Voltage Drop resistance = 0.005 # 5mOhms current = 10.0 # Example 10 Amps voltage_drop = current * resistance power_dissipated = (current**2) * resistance print(f"Voltage Drop: {voltage_drop}V (50mV)") print(f"Power Usage: {power_dissipated}W") ``` --- ### 5. Selection Considerations * **Heat Sinking:** At 2 Watts, this component can get very hot. Large copper traces (pour) are required on the PCB to act as a heat sink. * **Kelvin Sensing:** It is highly recommended to use a **4-wire (Kelvin) connection** layout on the PCB to avoid measuring the resistance of the solder joints and traces, which would significantly skew the 5m$\Omega$ reading.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of wide-terminal resistors over standard 2512 packages?
    • ⤷ How do I calculate the minimum PCB trace width for a 2W current sense resistor?
    • ⤷ What is the difference between thick film and metal foil current sense resistors?