データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RL2550W-R050F

  • AI
    The **RL2550W-R050F** is a high-precision, low-resistance **Current Sense Chip Resistor**. These components are specifically designed to measure current flow in a circuit by monitoring the voltage drop across the resistor (Ohm's Law: $V = I \times R$). --- ### ## Technical Specifications Below is a breakdown of the key parameters for this specific part number: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.050 $\Omega$ (50 m$\Omega$) | Low resistance to minimize power loss. | | **Tolerance** | ±1% (F) | High precision for accurate current sensing. | | **Power Rating** | 1 Watt to 2 Watts | Often "W" indicates an elevated power rating for the size. | | **Package Size** | 2550 (Metric/Imperial) | Large footprint for better heat dissipation. | | **Technology** | Thick Film / Metal Foil | Designed for stability and low TCR (Temperature Coefficient). | --- ### ### Key Features 1. **Low Resistance Value:** The $50\text{ m}\Omega$ value allows for current sensing with minimal voltage drop, which is crucial for efficiency in battery-powered devices. 2. **High Power Dissipation:** The "2550" package is physically larger than standard 0603 or 1206 resistors, allowing it to handle more heat without failing. 3. **Low TCR:** Usually features a low Temperature Coefficient of Resistance, meaning the resistance value stays stable even as the component heats up. --- ### ### Common Applications * **Power Management:** Used in DC-DC converters and voltage regulators to monitor load current. * **Battery Management Systems (BMS):** Measuring charge and discharge cycles in Li-ion battery packs. * **Motor Control:** Sensing current in H-bridge circuits to prevent over-current conditions. * **Overcurrent Protection:** Acting as a trigger for "fuse" circuits or limiters. --- ### ### Circuit Implementation To use this part, it is typically placed in series with the load. The voltage across the resistor is then fed into a **Current Sense Amplifier**. ```cpp // Logic for Current Calculation in Firmware float shunt_resistance = 0.050; // 50mOhms float voltage_drop = read_adc_voltage(); float current_amps = voltage_drop / shunt_resistance; ```
    ✨ Follow-up Questions
    • ⤷ How does the 2550 package size compare to the common 2512 size in terms of power?
    • ⤷ What is the difference between thick film and metal foil in current sensing?
    • ⤷ How do I calculate the maximum current this resistor can handle safely?