データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RL3720WS-R10-F

  • AI
    ## Technical Overview of RL3720WS-R10-F The **RL3720WS-R10-F** is a specialized high-power, low-resistance chip resistor manufactured by **Susumu**. It belongs to the RL series, which is specifically designed for current sensing applications in electronic circuits. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Manufacturer** | Susumu | | **Resistance** | 0.1 Ω (100 mΩ) | | **Tolerance** | ±1% (F) | | **Power Rating** | 1 Watt | | **Temperature Coefficient (TCR)** | 0 to +200 ppm/°C | | **Package Size** | 1508 (3720 Metric) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Physical Design and Packaging The "W" in the part number indicates a **Long-Side Terminal** (Wide Terminal) construction. This design offers several advantages over traditional end-terminal resistors: * **Heat Dissipation:** By placing terminals on the long sides, the distance for heat to travel to the PCB pads is reduced, allowing for higher power density (1W in a relatively small footprint). * **Solder Joint Integrity:** The wider contact area improves mechanical strength and reduces the risk of solder joint cracking due to thermal cycling. * **Low Inductance:** The geometry reduces parasitic inductance, making it suitable for high-frequency switching applications. --- ### 3. Application Use Cases This component is primarily used as a **Shunt Resistor** for current sensing. Common applications include: 1. **Power Supplies:** Monitoring output current to implement over-current protection. 2. **Battery Management Systems (BMS):** Tracking charge and discharge rates in lithium-ion packs. 3. **Motor Control:** Providing feedback loops for DC-DC converters and motor drivers. 4. **Automotive Electronics:** Used in ADAS and infotainment systems where high reliability is required. --- ### 4. Part Number Breakdown * **RL3720:** Series and Size (3.7mm x 2.0mm). * **W:** Wide terminal configuration. * **S:** High power (Short-side vs. Long-side distinction). * **R10:** Resistance value (0.10 Ohms). * **F:** Tolerance (±1.0%). ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a wide-terminal resistor over a standard end-terminal resistor?
    • ⤷ How does the 1W power rating affect PCB thermal management requirements?
    • ⤷ Are there alternative resistance values available in the Susumu RL3720 series?