データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RLK-R

  • AI
    The **RLK-R** (commonly known as the **Reolink RLK-R**) is the core Network Video Recorder (NVR) component found in Reolink security camera kits. It serves as the brain of the surveillance system, handling power distribution, data processing, and storage. Below is an explanation of its primary electronic components and architecture. ### 1. Main System Architecture The RLK-R uses an Embedded Linux-based architecture designed for 24/7 high-bandwidth video processing. | Component | Function | | :--- | :--- | | **SoC (System on Chip)** | High-performance processor (often HiSilicon or similar) that handles H.265/H.264 video decoding and AI detection algorithms. | | **SATA Interface** | Internal connection supporting 3.5" HDDs (usually up to 6TB or 12TB depending on the specific hardware version). | | **RAM (DDR3/DDR4)** | Volatile memory used for buffering incoming video streams before they are written to the disk. | | **Flash Memory** | Stores the system firmware and OS (Operating System). | --- ### 2. Connectivity and Power Ports The rear panel contains the critical electronic interfaces for communication and power delivery. * **PoE Switch (Internal):** The RLK-R features a built-in Power over Ethernet switch. It uses a **PSE (Power Sourcing Equipment) Controller** to negotiate voltage (usually 48V) over Ethernet cables to power the cameras. * **HDMI/VGA Controllers:** Dedicated chips to convert digital video signals for monitor output, supporting resolutions up to 4K (on HDMI). * **USB Controllers:** Usually 2x USB 2.0 ports for mouse control and data backup to external flash drives. * **RJ45 WAN Port:** Connects the NVR to the local router for remote internet access. --- ### 3. Power Management Unit (PMU) Because the NVR must power both itself and multiple high-draw cameras (especially those with Infrared LEDs), the power section is robust. 1. **AC/DC Adapter:** Typically takes 48V - 52V DC input. 2. **Step-Down Converters:** Internal voltage regulators reduce the 48V input to 12V (for the HDD), 5V (for USB/logic), and 3.3V/1.1V (for the CPU/RAM). 3. **Thermal Management:** Includes a cooling fan and passive heatsinks on the SoC to prevent thermal throttling during heavy multi-channel recording. --- ### 4. Technical Specifications Summary | Feature | Description | | :--- | :--- | | **Video Input** | 8 or 16 Channels (depending on RLK8 or RLK16 model) | | **Audio Output** | 1CH RCA (Linear, 1kΩ) | | **Max Resolution** | Supports up to 12MP (4096 x 3072) | | **Power Consumption** | <10W (Without HDD and PoE) | | **Network Protocol** | HTTP, TCP/IP, UDP, DHCP, P2P, UPNP, RTSP | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum hard drive capacity supported by the RLK-R?
    • ⤷ How does the PoE power budget affect the number of cameras I can connect?
    • ⤷ Does the RLK-R support third-party ONVIF cameras?