データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RLW2012-6-R005F

  • AI
    The **RLW2012-6-R005F** is a high-precision, low-resistance current sensing resistor, typically manufactured by companies like **Susumu** (RLW series). It is specifically designed for power management and current detection applications. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify its physical and electrical characteristics: | Code | Component Detail | Description | | :--- | :--- | :--- | | **RLW** | Series | Wide terminal, low resistance chip resistor | | **2012** | Package Size | Metric 2012 (Imperial **0805**) | | **6** | Power Rating | Indicates high power (approx. 0.5W to 1W depending on series spec) | | **R005** | Resistance Value | **0.005 $\Omega$** (5 m$\Omega$) | | **F** | Tolerance | **±1%** | --- ### 2. Key Technical Specifications This part is unique because it features **Wide Terminals** (the electrodes are on the long sides of the chip), which improves heat dissipation and reduces parasitic inductance. * **Resistance:** 5 m$\Omega$ (Milliohms). * **Tolerance:** ±1.0%. * **Configuration:** Wide terminal (Reverse Geometry). * **Temperature Coefficient (TCR):** Usually low (e.g., ±100 ppm/°C), ensuring stability across temperature changes. * **Operating Temperature:** Typically -55°C to +155°C. --- ### 3. Advantages of the RLW Series The "Wide Terminal" design provides several engineering benefits: 1. **High Power Handling:** By placing terminals on the long side, the thermal path to the PCB is shortened, allowing for a higher power rating than standard 0805 resistors. 2. **Solder Joint Reliability:** The larger contact area reduces stress caused by thermal expansion (CTE mismatch). 3. **Low Inductance:** Ideal for high-frequency switching power supplies where parasitic inductance can cause measurement noise. --- ### 4. Common Applications Due to its very low resistance (5m$\Omega$), it is primarily used as a **Shunt Resistor** to measure current flow by monitoring the voltage drop across it ($V = I \times R$). * **DC-DC Converters:** Sensing output current for regulation. * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in laptops or mobile devices. * **Motor Control:** Detecting over-current conditions. * **Automotive Electronics:** Power distribution units. --- ### 5. Footprint Comparison (Metric vs Imperial) | Unit | Length | Width | | :--- | :--- | :--- | | **Metric (2012)** | 2.0 mm | 1.25 mm | | **Imperial (0805)** | 0.08 in | 0.05 in | ---
    ✨ Follow-up Questions
    • ⤷ How does the wide terminal design improve heat dissipation compared to standard resistors?
    • ⤷ What are the typical power rating limits for the RLW2012 series?
    • ⤷ Can this resistor be used in AEC-Q200 automotive applications?