データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RM-03-R

  • AI
    The **RM-03-R** typically refers to a specific series of **Rotary DIP Switches** manufactured by companies like *Diptronics*. These components are used to set configurations on printed circuit boards (PCBs) manually. --- ### 1. Key Technical Specifications The "RM" designation usually identifies the mounting style and internal logic. Below are the general specifications for this part: | Parameter | Description | | :--- | :--- | | **Component Type** | Rotary DIP Switch | | **Mounting Type** | Surface Mount (SMT) | | **Number of Positions** | 8, 10, or 16 (Model dependent) | | **Actuator Style** | Recessed (Requires screwdriver/tool) | | **Output Code** | Real Code (Binary Coded Decimal/Hexadecimal) | | **Pitch** | 2.54mm (Standard) | --- ### 2. Physical Construction The RM-03-R is designed for durability and automated assembly processes. * **Housing:** High-temperature thermoplastic (usually UL94V-0 rated) to withstand reflow soldering. * **Contacts:** Gold-plated contacts to ensure low contact resistance and prevent oxidation. * **The "R" Suffix:** Usually indicates **Tape and Reel** packaging, making it compatible with pick-and-place machines for industrial manufacturing. * **The "03" Designation:** Often refers to the specific series height or the 3x3mm / 4x4mm footprint category (varies slightly by manufacturer). --- ### 3. Logic and Pinout Since this is a "Real Code" switch, the output pins represent a binary value based on the position of the arrow on the dial. ```text Position | Pin 1 | Pin 2 | Pin 4 | Pin 8 ---------------------------------------- 0 | OFF | OFF | OFF | OFF 1 | ON | OFF | OFF | OFF 2 | OFF | ON | OFF | OFF ... | ... | ... | ... | ... F (15)| ON | ON | ON | ON ``` --- ### 4. Common Applications These parts are used where a user or technician needs to change a setting without specialized equipment: 1. **Address Setting:** Assigning IDs to devices on a RS-485 or CAN bus network. 2. **Mode Selection:** Switching between different operating modes in industrial controllers. 3. **Frequency Tuning:** Setting channels on RF modules. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between 'Real Code' and 'Complement Code' in these switches?
    • ⤷ Can the RM-03-R be washed after soldering?
    • ⤷ What are the voltage and current ratings for the contacts?