データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RM-07-R

  • AI
    The **RM-07-R** typically refers to a specific series of **Rotary DIP Switches** manufactured by companies like *Copals Electronics* or *Nidec*. These components are used to manually set binary or hexadecimal values on a circuit board without needing external software. --- ### 1. Key Technical Specifications The "RM" series generally follows standard industry footprints. Below are the common electronic specifications for this part: | Feature | Specification | | :--- | :--- | | **Type** | Rotary DIP Switch | | **Number of Positions** | 10 (Decimal) or 16 (Hexadecimal) | | **Actuator Style** | Recessed / Flush (Screwdriver slot) | | **Contact Rating** | 100mA @ 5V DC (Switching) | | **Non-Switching Rating** | 100mA @ 50V DC | | **Insulation Resistance** | 1,000 MΩ minimum | | **Dielectric Strength** | 250V AC for 1 minute | --- ### 2. Physical Construction The RM-07-R is designed for high-density mounting on Printed Circuit Boards (PCBs). * **Housing:** High-temperature plastic (usually PPS) to withstand reflow soldering. * **Terminals:** Gold-plated contacts to ensure low contact resistance and prevent oxidation. * **The "-R" Suffix:** This usually denotes **Tape and Reel** packaging, signifying the part is intended for automated SMT (Surface Mount Technology) assembly lines. * **Sealing:** Most parts in this series are "washable," meaning they are O-ring sealed to protect against flux and cleaning solvents during the manufacturing process. --- ### 3. Electronic Functionality (Binary Coded) The device operates by converting a physical rotation into a digital output. For an 8-position or 10-position version: ```c // Internal Logic Mapping Example (BCD) Position 0 -> Pins: All OFF Position 1 -> Pins: 1 ON, 2/4/8 OFF Position 2 -> Pins: 2 ON, 1/4/8 OFF Position 3 -> Pins: 1 & 2 ON, 4/8 OFF ... and so on. ``` ### 4. Common Applications * **Address Setting:** Assigning unique IDs to different nodes on a communication bus (like RS-485 or CAN). * **Configuration:** Selecting operating modes for industrial controllers (PLCs). * **Testing:** Manual override of logic states during hardware debugging. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between BCD and Hexadecimal coding in rotary switches?
    • ⤷ Can the RM-07-R be hand-soldered or is it strictly for SMT?
    • ⤷ What are the typical dimensions/footprint for the RM series?