データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RM-08-R

  • AI
    The **RM-08-R** typically refers to a **Rotary DIP Switch** or a specific **Relay Module** depending on the manufacturer (most commonly associated with components from brands like *ECE* or *Copal*). Based on standard industry catalogs, this part is an **8-position Rotary DIP Switch**. --- ### 1. Technical Specifications The RM-08-R is designed for PCB mounting to allow manual configuration of digital circuits. | Feature | Specification | | :--- | :--- | | **Type** | Rotary DIP Switch | | **Number of Positions** | 8 Positions (0-7) | | **Output Code** | Real Binary / Octal | | **Actuator Type** | Recessed (Flat) or Raised Slot | | **Mounting Type** | Through-Hole (THT) or SMD (depending on variant) | | **Contact Rating** | 100mA, 5VDC (Switching) / 100mA, 50VDC (Non-switching) | | **Operating Temperature** | -25°C to +70°C | --- ### 2. Internal Electronic Logic The "8" in the part number signifies 8 distinct positions. As the dial is turned, internal metal contacts bridge specific pins to create a binary representation of the selected number. * **Pin Configuration:** Usually consists of 1 "Common" pin and 3-4 "Data" pins. * **Coding:** In an 8-position switch, the output follows a **3-bit binary code**. * Position 0: All pins OFF (Open) * Position 7: All 3 binary pins ON (Closed) --- ### 3. Key Electronic Characteristics #### A. Contact Reliability These parts often feature **gold-plated contacts**. This prevents oxidation over long periods, ensuring that the low-voltage logic signals remain "clean" even if the switch isn't turned for years. #### B. Sealing (The "R" Suffix) The **"R"** in the part number often denotes **"Reflow"** compatibility or **"RoHS"** compliance. It usually implies the housing is made of high-temperature liquid crystal polymer (LCP) to survive industrial soldering processes. #### C. Applications * **Address Setting:** Assigning IDs to devices on a RS-485 or CAN bus network. * **Mode Selection:** Choosing firmware profiles in industrial controllers. * **Configuration:** Adjusting timer settings or frequency channels on RF modules. --- ### 4. Schematic Representation In a circuit diagram, the RM-08-R is represented as a single common line connected to a rotary wiper that selects between output lines 1, 2, and 4 (the binary weights). ```text [Common] | /-----^-----\ [1] [2] [4] <-- Output Pins ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'Real' and 'Complement' binary codes in rotary switches?
    • ⤷ Can the RM-08-R be used in AC power switching applications?
    • ⤷ How do I read the 3-bit output logic using a microcontroller like Arduino?