データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RPM7137-R

  • AI
    ## Overview of the RPM7137-R The **RPM7137-R** is a high-performance infrared (IR) receiver module designed for remote control systems. It integrates a photodiode and a specialized IC into a single, compact package. Its primary function is to receive modulated IR signals and convert them into digital electrical signals that a microcontroller can interpret. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Carrier Frequency** | 36.7 kHz | | **Operating Voltage** | 4.5V to 5.5V | | **Supply Current** | 1.5 mA (typical) | | **Detection Distance** | Up to 15 Meters | | **Peak Wavelength** | 950 nm | | **Output Type** | Active Low | --- ### Internal Electronic Architecture The device consists of several critical internal stages to ensure signal integrity: 1. **Photodiode:** Captures the infrared light and converts it into a tiny electrical current. 2. **Preamplifier:** Amplifies the weak signal from the photodiode. 3. **Automatic Gain Control (AGC):** Adjusts the gain to handle various lighting conditions and distances, preventing saturation. 4. **Band Pass Filter (BPF):** Specifically tuned to **36.7 kHz**. It rejects signals from other sources like fluorescent lights or sunlight. 5. **Demodulator & Output Driver:** Removes the 36.7 kHz carrier wave and outputs a clean digital pulse. --- ### Pin Configuration Typically, the RPM7137-R features three pins: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Vout** | Digital Output (Connects to MCU) | | 2 | **GND** | Ground (0V) | | 3 | **Vcc** | Power Supply (+5V) | --- ### Typical Application Circuit To ensure stable operation, manufacturers recommend using a decoupling capacitor and a resistor to filter power supply noise. ```cpp // Example: Arduino Logic for reading RPM7137-R int irPin = 2; // Connected to Vout void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(irPin); if (signal == LOW) { // Signal detected (Active Low) Serial.println("IR Signal Received"); } } ``` --- ### Features and Benefits * **Built-in Shielding:** High resistance to electromagnetic interference (EMI). * **Low Power Consumption:** Ideal for battery-operated consumer electronics. * **Direct TTL/CMOS Compatibility:** The output can be connected directly to a microprocessor without additional interface circuitry.
    ✨ Follow-up Questions
    • ⤷How does the 36.7 kHz filter differ from the standard 38 kHz IR receivers?
    • ⤷ What are the recommended values for the power supply filter (R and C) for this module?
    • ⤷ Can the RPM7137-R operate at 3.3V logic?