データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RPM7236-R

  • AI
    ## Technical Overview: RPM7236-R The **RPM7236-R** is a high-performance infrared (IR) remote control receiver module developed by ROHM Semiconductor. It integrates a PIN photodiode and a preamplifier IC into a single, compact molded package. --- ### 1. Key Internal Components The device is not just a sensor; it is an integrated system consisting of several electronic stages: | Component | Function | | :--- | :--- | | **PIN Photodiode** | Converts infrared light (950nm) into an electrical current. | | **Preamplifier** | Amplifies the weak current signals from the photodiode. | | **Limiter** | Keeps the signal at a constant level regardless of distance. | | **Band Pass Filter (BPF)** | Specifically tuned to **36.0 kHz** to reject noise from other light sources. | | **Demodulator** | Extracts the digital data from the carrier wave. | --- ### 2. Technical Specifications Below are the primary electrical characteristics for the RPM7236-R: | Parameter | Specification | | :--- | :--- | | **Carrier Frequency** | 36.0 kHz | | **Supply Voltage (Vcc)** | 2.7V to 3.6V (Low voltage operation) | | **Current Consumption** | ~0.3mA to 0.5mA (Ultra-low power) | | **Peak Wavelength** | 950 nm | | **Output Type** | Active Low (Digital) | | **Maximum Reach** | Up to 15 meters (depending on emitter) | --- ### 3. Pin Configuration The device typically features three pins, which are essential for its operation: 1. **Vout (Output):** The demodulated signal output. Connects to the microcontroller's GPIO. 2. **GND (Ground):** The reference point for the circuit. 3. **Vcc (Power):** The positive supply voltage (typically 3V). --- ### 4. Application Circuit Example To ensure stable operation, a simple RC filter is often recommended on the Vcc line to reduce power supply noise. ```cpp // Example: Arduino pseudocode to read RPM7236-R int irPin = 2; // Connected to Vout void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(irPin); if (signal == LOW) { // IR signal detected (36kHz pulse train) Serial.println("Signal Detected"); } } ``` --- ### 5. Distinctive Features * **High Noise Immunity:** The internal Band Pass Filter is highly effective against sunlight and fluorescent light interference. * **Low Voltage Design:** Specifically designed for battery-operated portable devices (3V logic). * **Side-view Package:** The "R" in the part number often denotes the physical orientation/shaping of the lens for side-view reception.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 36kHz and 38kHz versions of this module?
    • ⤷ How do I calculate the resistor and capacitor values for the Vcc noise filter?
    • ⤷ Is the RPM7236-R compatible with 5V microcontrollers like the Arduino Uno?