データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RS-R-7

  • AI
    Based on the technical context of electronic components, the **RS-R-7** is typically associated with high-precision, high-power wirewound resistors, often adhering to military or industrial standards (such as MIL-PRF-26). --- ### 1. Overview of RS-R-7 Specifications The RS-R-7 classification generally refers to a specific form factor and power rating within a series of precision resistors. These parts are engineered for reliability under extreme thermal conditions. | Parameter | typical Specification | | :--- | :--- | | **Power Rating** | 7 Watts (at 25°C) | | **Tolerance Range** | ±0.05% to ±5.0% | | **Temperature Coefficient** | ±20 ppm/°C to ±90 ppm/°C | | **Construction** | Silicone-coated wirewound | | **Mounting Type** | Through-hole (Axial leads) | --- ### 2. Key Electronic Features The RS-R-7 series components are designed with specific physical and electrical characteristics: * **Core Material:** Usually a high-purity ceramic (steatite or alumina) to provide superior heat dissipation. * **Winding:** The resistive wire (often a nickel-chromium alloy) is wound around the core. This allows for high stability and low noise. * **Coating:** A specialized silicone or epoxy coating protects the internal wire from moisture, salt spray, and mechanical vibration. * **Non-Inductive Options:** Some variants are "Ayrton-Perry" wound to minimize inductance, making them suitable for high-frequency applications. --- ### 3. Common Applications Due to their durability, these parts are found in the following sectors: 1. **Industrial Controls:** Used in power supplies and motor controllers where surge handling is required. 2. **Test Equipment:** Utilized as precision shunt resistors or voltage dividers due to their low tolerance. 3. **Military/Aerospace:** Often used in communication gear because they meet high-stress environmental standards. --- ### 4. Comparison with Other RS Sizes | Part Number | Wattage | Length (approx) | Diameter (approx) | | :--- | :--- | :--- | :--- | | **RS-2B** | 3W | 0.560" | 0.187" | | **RS-5** | 5W | 0.875" | 0.312" | | **RS-7** | **7W** | **1.218"** | **0.312"** | | **RS-10** | 10W | 1.781" | 0.375" |
    ✨ Follow-up Questions
    • ⤷What is the difference between standard and non-inductive RS-R-7 resistors?
    • ⤷ How does temperature derating affect the RS-R-7's power handling?
    • ⤷ Which manufacturers currently produce RS-R-7 equivalents?