データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RS3-206N-R15

  • AI
    The **RS3-206N-R15** is a high-precision, low-profile, incremental rotary encoder typically used in automotive electronics and human-machine interface (HMI) controls. It is part of a series often manufactured by companies like **ALPS Alpine** or similar precision component vendors. --- ### 1. Key Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Mechanical Incremental Rotary Encoder | | **Resolution** | 15 Pulses / 30 Detents | | **Mounting Type** | Surface Mount (SMD) / Reflow Solderable | | **Shaft Style** | Flat Type (D-Shaft) or Serrated (depending on sub-variant) | | **Output Signal** | 2-Phase (A and B) Quadrature Output | | **Operating Voltage** | 5V DC (typical) | | **Operational Life** | 15,000 to 30,000 cycles | --- ### 2. Breakdown of the Model Code While specific to the manufacturer's catalog, the nomenclature generally breaks down as follows: * **RS3:** Series designation (often indicating the physical size, e.g., 9mm or 11mm width). * **206N:** Internal designator for the contact arrangement and physical casing style. * **R15:** Refers to the resolution or electrical characteristics (15 pulses per rotation). --- ### 3. Electrical Operation The device operates on the **Quadrature Encoding** principle. As the shaft rotates, it closes and opens internal mechanical contacts to generate two square-wave signals: 1. **Phase A and Phase B:** These signals are offset by 90 degrees. 2. **Direction Sensing:** * If Phase A leads Phase B, the rotation is clockwise (CW). * If Phase B leads Phase A, the rotation is counter-clockwise (CCW). 3. **Detents:** The "clicks" you feel when turning the knob. A "30 detent / 15 pulse" configuration means the encoder clicks 30 times per full circle, but only sends a full electrical pulse every two clicks. --- ### 4. Typical Applications Due to its small footprint and reliability, the RS3-206N-R15 is found in: * **Automotive Audio:** Volume control and menu navigation. * **Household Appliances:** Temperature or timer settings on ovens/microwaves. * **Test Equipment:** Oscilloscope adjustments and fine-tuning knobs. --- ### 5. Schematic Connection To interface this with a microcontroller (like an Arduino or ESP32), you typically use the following circuit: ```cpp // Typical Pinout Wiring // Pin 1: Channel A (Connect to MCU with Pull-up resistor) // Pin 2: Common (Ground) // Pin 3: Channel B (Connect to MCU with Pull-up resistor) void setup() { pinMode(ENCODER_A, INPUT_PULLUP); pinMode(ENCODER_B, INPUT_PULLUP); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an incremental encoder and an absolute encoder?
    • ⤷ How do I implement de-bouncing for a mechanical rotary encoder in code?
    • ⤷ Can this encoder be used for high-speed motor feedback?