データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RT-24VF-R

  • AI
    The **RT-24VF-R** is a specific model of a **General Purpose Power Relay**, typically manufactured by brands like **Panasonic (formerly Matsushita/NAiS)**. These relays are designed for industrial control circuits, providing electrical isolation and switching capabilities. --- ### 1. Technical Specifications The part number "RT-24VF-R" breaks down into specific electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Coil Voltage** | 24V DC | | **Contact Form** | 1 Form A (SPST-NO - Single Pole Single Throw, Normally Open) | | **Contact Rating** | Typically 5A to 8A at 250V AC / 30V DC | | **Mounting Type** | Through-hole (PCB Mount) | | **Terminal Shape** | PC Board Terminal | | **Protective Construction** | Sealed (Flux-resistant or plastic sealed) | --- ### 2. Internal Electronic Components The RT-24VF-R consists of several internal sub-components that work together to perform the switching action: 1. **Electromagnetic Coil:** A fine copper wire winding around a core. When 24V DC is applied, it creates a magnetic field. 2. **Armature:** A moving metal piece attracted by the magnetic field of the coil. 3. **Spring Mechanism:** Returns the armature to its original position when the power to the coil is cut. 4. **Contacts:** Usually made of **Silver Alloy (AgNi or AgSnO2)** to provide high conductivity and resistance to electrical "arcing" or welding during high-load switching. 5. **Yoke/Frame:** Provides the mechanical structure and completes the magnetic circuit. --- ### 3. Usage & Application This specific relay is widely used in the following electronic environments: * **Programmable Logic Controllers (PLCs):** Used as output relays to switch external actuators. * **Temperature Controllers:** To turn heating elements on or off. * **Household Appliances:** Control boards for washing machines or refrigerators. * **Interface Modules:** Used to isolate low-power microcontroller signals from high-power AC loads. --- ### 4. Circuit Diagram Representation In an electronic schematic, the RT-24VF-R is represented by two distinct parts: the **Input (Coil)** and the **Output (Contacts)**. ```text [ Control Side ] [ Load Side ] (24V DC) | +-----+-----+ / (Contact) | Coil |----------/ ----------- +-----+-----+ (Switch) | GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the RT-24VF-R contacts?
    • ⤷ Are there pin-compatible alternatives if this specific model is discontinued?
    • ⤷ Does this relay require a flyback diode for circuit protection?