データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RTF-16-R3-J-R

  • AI
    The **RTF-16-R3-J-R** is a specific electronic component, typically categorized as a **Resistor Terminal Network** or a high-precision **Chip Resistor Array**. These components are widely used in telecommunications, computing, and industrial electronics where space-saving and impedance matching are critical. --- ### 1. Part Number Breakdown While naming conventions can vary slightly by manufacturer (often associated with brands like *Susumu* or *Ralec*), the nomenclature generally follows this logic: | Code | Meaning | Description | | :--- | :--- | :--- | | **RTF** | Series Type | Resistor Thin Film / Network Series | | **16** | Case Size | Often corresponds to 0603 (1.6mm x 0.8mm) or specific array dimensions | | **R3** | Resistance Value | Indicates the Ohmic value (e.g., 0.3Ω or a specific code for 3.3kΩ depending on vendor) | | **J** | Tolerance | Indicates ±5% (Standard industry code for J) | | **R** | Packaging | Taped and Reeled (RoHS compliant) | --- ### 2. Key Technical Specifications Based on the standard parameters for this series of thin-film components: * **Technology:** Thin Film (NiCr - Nickel Chromium) for high stability and low noise. * **Configuration:** Usually a 4-terminal or 8-terminal array (multiple resistors in one package). * **Operating Temperature:** Typically -55°C to +125°C or +155°C. * **Power Rating:** Usually 0.063W (1/16W) to 0.1W per element. * **Voltage Rating:** Max working voltage is generally 25V to 50V depending on the specific package. --- ### 3. Application Use Cases The RTF-16 series is designed for precision circuits where multiple resistors need to track each other's temperature changes (Thermal Tracking). 1. **Impedance Matching:** Used in high-speed data lines to prevent signal reflection. 2. **Pull-up/Pull-down Arrays:** Conserving PCB real estate near Microcontrollers (MCUs) or FPGAs. 3. **Voltage Dividers:** Ensuring consistent ratios between multiple output stages. 4. **Operational Amplifiers:** Providing stable feedback loops in analog signal processing. --- ### 4. Advantages of this Component * **Size Efficiency:** Replaces multiple individual 0402 or 0603 resistors, reducing pick-and-place costs. * **Reliability:** Thin-film construction offers better moisture resistance and long-term stability compared to thick-film alternatives. * **Accuracy:** Improved matching of resistance values across the array compared to buying discrete components.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the R3 code for this specific manufacturer?
    • ⤷ Can this part be substituted with a thick-film resistor array?
    • ⤷ What are the soldering footprint requirements for the RTF-16 package?